| Electronic Components Datasheet Search |
|
epc135 Datasheet(PDF) 7 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
epc135 Datasheet(HTML) 7 Page - Espros Photonics corp |
|
7 / 11 page ![]() He epc134/epc135/epc136/epc137/epc138/epc139 Functional Description Power-up Sequence If VDD reaches VPOR, the startup sequence is initiated. After a time tDEL, the photo diode bias circuit is enabled. Thus, a current generated by light on the photo diode flows into the pin PD. After the time tINIT, the device is ready to receive AC light pulses. V DD V POR t INIT Startup Period Ready Out false pulses may occur Power-up sequence Power-down Sequence When VDD goes down, the device is turned off when VDD is below VPOR minus VIPOR. V DD V POR - V IPOR t OFF PD bias Power-down sequence Light Pulse Reception A light pulse on the photo diode generates a current pulse into the pin PD of the device. If the current pulse exceeds the threshold IPD, an out- put pulse is generated. The length of the output pulse is given by tOUT. After a waiting time given by tREC, the next light pulse can be sent. If the waiting time is too short, the device is not ready to receive the next pulse. Thus, no output pulse is appears at pin OUT. IR LED Pulse T IR LED T PD PD Signal Out Signal t OUT t REC t OUT t OUT 2nd pulse indicates light reserve threshold triggered Light pulse reception © 2014 ESPROS Photonics Corporation Characteristics subject to change without notice 7 Datasheet_epc134-139_digital-V2.5 www.espros.ch |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |