Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC610 Datasheet(PDF) 11 Page - Espros Photonics corp

Part # EPC610
Description  8x8 pixel 3D TOF imager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC610 Datasheet(HTML) 11 Page - Espros Photonics corp

Back Button EPC610 Datasheet HTML 7Page - Espros Photonics corp EPC610 Datasheet HTML 8Page - Espros Photonics corp EPC610 Datasheet HTML 9Page - Espros Photonics corp EPC610 Datasheet HTML 10Page - Espros Photonics corp EPC610 Datasheet HTML 11Page - Espros Photonics corp EPC610 Datasheet HTML 12Page - Espros Photonics corp EPC610 Datasheet HTML 13Page - Espros Photonics corp EPC610 Datasheet HTML 14Page - Espros Photonics corp EPC610 Datasheet HTML 15Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
■ Once, the cycle has started, it cannot be terminated until the end. All of the data except the “Saturated pixels” must be read before the
chip continues with the operation.
■ Do not change the type or the time commands during the sequence as they are not ignored and change the corresponding mode on the
fly (leading to data corruption).
1.3.2. Unambiguity range and integration time base
The epc610 3D TOF imager uses the time-of-flight principle. It is implemented with a repeating, continuous-mode modulation signal during
the measurement phase (refer to Figure 15). Consequently, only signals returning within the maximum time slots can be detected unam-
biguously. This corresponds for the epc610 device to a maximum operating range of 15m @10MHz LED modulation frequency. Strongly
reflected signals outside of this range may therefore interfere with the measurement.
The LED modulation frequency defines the unambiguity distance, the resolution of the distance signal and the time base for the integration
time. It can be changed by the MOD_CLK_DIV value (refer to chapter 3.5.3.: Command: WRITE LED modulation clock) to adapt the chip
to customer's application needs. Table 6 lists as an example some values of the LED modulation frequencies in function of the unambigui -
ty distance, of the distance resolution and for the corresponding divider of the LED clock.
LED modulation
frequency
Unambiguity
distance
Distance
resolution 1
LED clock
divider
MOD_CLK_DIV 2
Integration time 3
20 MHz
7.5 m
0.25 cm
1
0
divided by 2
10 MHz
15 m
0.50 cm
2
1
as per chapter 3.5.1.
5 MHz
30 m
1.00 cm
4
3
multiplied by 2
2.5 MHz
60 m
2.00 cm
8
7
multiplied by 4
1.25 MHz
120 m
4.00 cm
16
15
multiplied by 8
Table 6: LED modulation frequencies vs. unambiguity distance and integration time
1
Distance resolution for an typical output range e.g. 0 - 3'000d
2
Refer to chapter 3.5.3.: Command: WRITE LED modulation clock.
2
Refer to chapter 3.5.1.: Command: WRITE Integration time.
The result is only uniquely defined below the unambiguity distance. It is the limit of the maximum operational distance.
1.3.3. Sensitivity, integration time and operating range
The operational range of the complete system is limited by the sensitivity of the receiver as well as by the illumination power emitted by the
modulating light source (e.g. LED) for distances below the unambiguity distance.
Integration time tINT
Time
Ambient-light DC EDC
Modulated light EAC-PP
(peak-to-peak)
Light
Intensity
Measurement time tMEAS = 4x integration time tINT + system time tSYS
Figure 15: The light detected by the receiver
The system sensitivity consists of two factors: The hardware sensitivity SAC of the photosensor (refer to chapter: Timing and optical Char-
acteristics) and the exposure time (integration time tINT).
The measurement evaluation is done by computing the distance out of 4 samples received in one measurement cycle tMEAS. A sample is
the collected power of the receiving light signal during the integration time tINT (refer to EAC in Figure 15). This means the sensitivity corre-
sponds to the integration time: The longer the integration time, the more sensitive the measurement.
The measured irradiance EAC (uncalibrated) at the surface of a pixel can be calculate out of the AC sensitivity SAC, the used integration time
tINT-AC, the reference integration time tINT-REF-AC and the amplitude AAC of the received modulated signal (refer to chapter 1.3.5. Quality of the
measurement result) in the following way:
EAC
= SAC⋅
t
INT-REF-AC
t
INT-AC
⋅ AAC
e.g.
E
AC = 31
nW
/ cm
2
LSB
⋅
103
μ s
205
μ s
⋅1'000 LSB = 16 μ W/cm
2
Illumination power, remission of the object (reflectivity), sensitivity of the sensor together with the integration time are limiting the distance
operational range. For more detailed information, refer to epc's application note: AN02 Reflected power calculation.
It will probably not be possible to cover the full operational range within one integration time step due to the dynamic range of the re-
ceiver's electronics. The possibilities to extend the operating range or to influence the response time are:
■ to adapt the integration time correspondingly to the necessary sensitivity as demonstrated in Figure 16.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
11 / 34
Datasheet epc610 - V1.7
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com