Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC660 Datasheet(PDF) 15 Page - Espros Photonics corp

Part # EPC660
Description  3D TOF Imager 320 x 240 Pixel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC660 Datasheet(HTML) 15 Page - Espros Photonics corp

Back Button EPC660 Datasheet HTML 8Page - Espros Photonics corp EPC660 Datasheet HTML 9Page - Espros Photonics corp EPC660 Datasheet HTML 10Page - Espros Photonics corp EPC660 Datasheet HTML 11Page - Espros Photonics corp EPC660 Datasheet HTML 12Page - Espros Photonics corp EPC660 Datasheet HTML 13Page - Espros Photonics corp EPC660 Datasheet HTML 14Page - Espros Photonics corp EPC660 Datasheet HTML 15Page - Espros Photonics corp EPC660 Datasheet HTML 16Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
3. Packaging and layout information
3.1. Mechanical dimensions
The center of the effective pixel-field (320x240) is positioned with respect to the center of CSP pin 1 (XSYNC_SAT_CFG) with an offset of
4'900µm by 4'000µm (x,y). This point corresponds to intersection of middle of columns C163 - C164 and middle of rows R125 - R126 when
mapped to pixel-field coordinate system on the die (see Figure 30).
The packaging technology is chip scale packaging (CSP).
1
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
10
19
20
21 22
23
24
25
26 27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
(0.330)
0.500
4.900
9.68 +0.00/-0.08
9.000 (19 bumps with 0.5mm pitch)
6.400
R6
R245
Photosensitive area:
on top side,
320 x 240 pixel
Pin 1
Top side view
0.185 ±0.025
(0.050)
Pixel size:
20μm x 20μm
column
Figure 8: Mechanical dimensions
Notes:
■
■ all measures in mm
■ not specified tolerances: ±0.001mm
■ Dimensions in brackets: informal only
■ Top side is illumination side
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
15 / 116
Datasheet_epc660-V1.09
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com