Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL813 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # GL813
Description  USB 2.0 CompactFlash Card Reader Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL813 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button GL813 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
GL813 - USB2.0 CompactFlash Card Reader Controller
©2001-2002 Genesys Logic Inc.—All rights reserved.
Page 19 of 24
6. Electrical Characteristics
6.1 Absolute Maximum Ratings
Symbol
Description
Min
Max
Unit
VCC
DC supply voltage
-0.3
+3.6
V
VI
DC input voltage
-0.3
VCC + 0.3
V
VI/O
DC input voltage range for I/O
-0.3
VCC + 0.3
V
VAI/O
DC input voltage for USB D+/D- pins
-0.3
VCC + 0.3
V
VI/OZ
DC voltage applied to outputs in High Z state
-0.3
VCC + 0.3
V
VESD
Static discharge voltage
4000
V
TA
Ambient Temperature
0
100
oC
6.2 Recommended Operating Conditions
Item
Value
Supply Voltage
+3.3V to + 3.6V
Ground Voltage
0V
Fosc
12 MHz
± 100 ppm
Operating Temperature
0
oC ~ 70 oC
6.3 DC Characteristics (Digital Pins)
Symbol
Description
Min
Typ
Max
Unit
PD
Power Dissipation
mA
VDD
Power Supply Voltage
3
3.3
3.6
V
IO
DC output sink current excluding D+/ D-/
VCC/ GND
8
mA
VIL
LOW level input voltage
0.9
V
VIH
HIGH level input voltage
2.0
V
VTLH
LOW to HIGH threshold voltage
1.3
1.43
1.56
V
VTHL
HIGH to LOW threshold voltage
1.3
1.43
1.56
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com