Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9009-CKB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS9009-CKB
Description  GS9009 CABLE DRIVER WITH FOUR ADJUSTABLE OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS9009-CKB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS9009-CKB Datasheet HTML 1Page - List of Unclassifed Manufacturers GS9009-CKB Datasheet HTML 2Page - List of Unclassifed Manufacturers GS9009-CKB Datasheet HTML 3Page - List of Unclassifed Manufacturers GS9009-CKB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3
tel. (905) 632-2996 fax: (905) 632-2055
Japan Branch: A-302, M i yamae Village, 2–10–42 Mi yamae, Suginami–ku, Tokyo 168, Japan
tel. (03) 3247-8838
fax (03) 3247-8839
GENLINX
™ GS9009 Cable Driver
with Four Adjustable Outputs
FEATURES
• two output pairs, adjustable from 0 to 1100 mVp-p
into 75
Ω loads
• nominal 600 ps rise and fall times
• accepts SMPTE and standard ECL input levels
• operates from a single +5 or -5 volt supply
• on-chip DC restoration for low jitter
• 250 mW power dissipation
• interfaces with
GENLINX
™ GS9002, GS9004A,
GS9005A and GS9015A
DEVICE DESCRIPTION
The
GENLINX
™ GS9009 is a bipolar integrated circuit
designed to drive four 75
Ω co-axial cables at data rates
exceeding 400 Mb/s.
It directly interfaces with other
GENLINX
™ devices and can also be used as a general
purpose high speed cable driver.
The differential inputs are AC-coupled and internally DC-
restored which allows correct passage of pathological
check codes associated with the serial digital standards.
Even though the inputs are AC coupled, static protection
diodes at each input restrict the DC differential so that if
the driving source uses the opposite polarity power supply,
external DC blocking capacitors must be used.
Correctly terminated output signal levels are adjustable
from as low as 0 mV to as high as 1100 mV with little
change in other performance parameters. Performance is
guaranteed for output levels between 600 mV and
1000 mV.
The gain of the output stages is varied by
adjusting the V
SET
voltage with respect to an internal
bandgap reference voltage V
REF
.
Pinout is compatible with the GS9007 by interchanging
pins 3,4,5,6,9,10,11,12 on the GS9009 with pins 1,2,3,4,5,6,7,8
on the GS9007. In this way, a layout can be made for either
device depending on whether adjustability is desired or
not.
The GS9009 is packaged in a 14 pin SOIC, and operates
from a single +5 or -5 volt supply consuming typically only
250 mW of power.
Document No. 520 - 75 - 5
Revision Date: January 1994
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
APPLICATIONS
• SMPTE 259M Serial Digital Systems (4:2:2 & 4ƒsc)
• Other Serial Digital Video Interfaces - 360 Mb/s
• General purpose high speed driver applications
PIN CONNECTIONS
NC
NC
OUTPUT 1
OUTPUT 1
OUTPUT 2
NC
INPUT
OUTPUT 2
VSET
INPUT
VEE
VREF
NC
VCC
14
9
8
10
12
13
11
1
4
3
6
5
7
2
GS9009
Part Number
Package Type
Temperature Range
GS9009 - CKB
14 Pin SOIC
0
° to 70°C
GS9009
INPUT
VSET
BAND-GAP
REFERENCE
INPUT BUFFER
&
DC RESTORE
VREF
INPUT
GAIN
CONTROL
OUTPUT 1
VCC (GND)
OUTPUT 1
OUTPUT 2
OUTPUT 2
GND (VEE)
OUTPUT
DRIVER
OUTPUT
DRIVER
Patent No. 5,426,389.


Similar Part No. - GS9009-CKB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9009A GENNUM-GS9009A Datasheet
94Kb / 4P
GENLINX -TM GS9009A Cable Driver with Four Adjustable Outputs
GS9009ACKB GENNUM-GS9009ACKB Datasheet
94Kb / 4P
GENLINX -TM GS9009A Cable Driver with Four Adjustable Outputs
GS9009ACKBE3 GENNUM-GS9009ACKBE3 Datasheet
94Kb / 4P
GENLINX -TM GS9009A Cable Driver with Four Adjustable Outputs
More results

Similar Description - GS9009-CKB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
GS9009A GENNUM-GS9009A Datasheet
94Kb / 4P
GENLINX -TM GS9009A Cable Driver with Four Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com