Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908 Datasheet(PDF) 1 Page - Alpha Wire

Part # 908
Description  M12?륚 Plastic Passive I/O Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

908 Datasheet(HTML) 1 Page - Alpha Wire

  908 Datasheet HTML 1Page - Alpha Wire 908 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification 
PART NO: 908 Series 
M12‐A Plastic Passive I/O Box
Dimensions 
Technical Data
Box Configuration 
 
Ports 
8 
Channels per Port 
1 
LED 
Yes 
Code Type 
A 
Housing 
Orange TPU, flame retardant 
Contact 
Copper Alloy, Gold Plated 
Receptacle Shell 
Copper Alloy, Nickel Plated 
O‐Ring 
FKM 
Electrical 
 
Contact Resistance ≤5mΩ 
Voltage Rating 
10‐30V DC 
Current Rating 
4A per port/12A max. Total 
Insulation Resistance 
>109Ω 
UL File 
E485156 
Cable Construction 
 
Conductor Size 
3 x 0.752mm & 8 x 0.342mm 
Outer Jacket Material 
Zero Halogen PUR 
Outer Diameter 
.315” 
Color 
Black 
Suitable for C‐Track 
Yes 
Environmental 
 


Similar Part No. - 908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
908 ETC2-908 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
908 ETC2-908 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
3M Electronics
908 3M-908 Datasheet
34Kb / 2P
ATG Gold Adhesive Transfer Tape
logo
Alpha Wire
908 ALPHAWIRE-908 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
logo
Anderson Power Products...
908 APP-908 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
More results

Similar Description - 908

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
909 ALPHAWIRE-909 Datasheet
134Kb / 2P
M12?륚 Plastic Passive I/O Box
910 ALPHAWIRE-910 Datasheet
160Kb / 3P
M12?륚 Plastic Passive I/O Box
911 ALPHAWIRE-911 Datasheet
156Kb / 3P
M12?륚 Plastic Passive I/O Box
912 ALPHAWIRE-912 Datasheet
163Kb / 2P
M12?륚 Plastic Passive I/O Box
914 ALPHAWIRE-914 Datasheet
191Kb / 3P
M12?륚 Plastic Passive I/O Box
915 ALPHAWIRE-915 Datasheet
175Kb / 3P
M12?륚 Plastic Passive I/O Box
916 ALPHAWIRE-916 Datasheet
162Kb / 2P
M12?륚 Plastic Passive I/O Box
917 ALPHAWIRE-917 Datasheet
154Kb / 2P
M12?륚 Plastic Passive I/O Box
918 ALPHAWIRE-918 Datasheet
204Kb / 3P
M12?륚 Plastic Passive I/O Box
919 ALPHAWIRE-919 Datasheet
175Kb / 3P
M12?륚 Plastic Passive I/O Box
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com