Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1708S Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ICS1708S
Description  QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1708S Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ICS1708S Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1708S Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1708S Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1708S Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1708S Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1708S Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS1708S Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS1708S Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS1708S Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
ICS1708
Data Tables
Table 3: Absolute Maximum Ratings
Supply Voltage
6.5
V
Input/Output Levels
-0.5 to VDD + 0.5
V
Ambient Operating Temperature
70
°C
Storage Temperature
-55 to 150
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only.
Functional operation of the device at the Absolute Maximum Ratings or other conditions not consistent with the characteristics shown in this
document is not recommended. Exposure to absolute maximum rating conditions for extended periods affects product reliability.
Table 4: DC Characteristics
Tamb=25
°C.
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
4.5
5.0
5.5
V
Supply Current
IDD
7.3
mA
Internal pull-up
OPREF
IIL
75
k
Ω
High Level Source Current
CHG
IOH
V= VDD - 0.4V
25
mA (max)
Low Level Sink Current
CHG
IOL
V=0.4V
25
mA (max)
Low Level Sink Current, indicator
CMN, MMN
IOL
V=0.4V
40
mA (max)
Analog/Digital Converter Range
0-2.2
0-2.3
0-2.3
V
Minimum Battery Threshold
0.5
V
Table 5: Timing Characteristics
R
≈15kΩ, C≈100pF
PARAMETER
SYMBOL
REFERENCE
TYP
UNITS
Clock Frequency
1.0
MHz
Charge Pulse Width in Fast Charge Stage
tFCHG
see Figure A
1048
ms
Rest Time
tR
see Figure A
13.0
ms
Data Acquisition Time
tDA
see Figure A
16.4
ms
Cycle Time
tCYCLE
see Figure A
1077
ms
Polling Detect Pulse Width
100
ms
Polling Detect Pulse Period
624
ms
SoftStart Initial Pulse Width
200
ms
SoftStart Incremental Pulse Width
7.0
ms
Rate Select Read of CMN pin 3 at power-up or
with battery removed after fast charge starts
1160
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com