Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1708ST Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ICS1708ST
Description  QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1708ST Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ICS1708ST Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1708ST Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1708ST Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1708ST Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1708ST Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1708ST Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1708ST Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1708ST Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1708ST Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ICS1708
As an example, suppose that a current source has an open circuit voltage of 12V as shown in Figure 8.
Figure 8: Open Circuit Reference Example
The maximum battery voltage of a nearly full six-cell pack with current applied is determined to be 9.6V. The voltage at OPREF should
then be set at a point between 1.6V (9.6V/6 cells=1.6V) and 2V (12V/6=2V). This can be accomplished with a pull-down resistor. Refer to
the VIN and OPREF resistor tables in the Applications Information section. From the VIN table, the divider resistors are 100k
and
20k
for R1 and R2. From the OPREF table, the pull-down resistor is 47Kfor R3. If R3 is 47K, the voltage at OPREF is typically
1.78V since the internal pull-up at the OPREF pin is 85k
. Figure 8 show an alternate approach for setting the voltage on OPREF for tight
tolerance applications.
Power: VDD pin 8
The power supply for the device must be connected to the VDD pin. The voltage is +5 VDC nominal, series regulated for proper noise
rejection. A 100mA or higher current rating supplies the controllers maximum of 11mA average demand that includes brief 50mA peaks.
Peripheral circuits current requirements are added to these requirements. See Pin Descriptions for additional information.
Grounding: VSS pin 6
This pin is connected directly to a solid (low impedance) ground that connects at or close to battery minus. See the section Pin Descriptions
and Applications Information (PC Board Design Considerations) for additional information.
Charge Rate Selection
The voltage set on CMN pin 3 prior to the start of fast charge sets one of three fast charge rates shown in Table 2.
Table 2: Charge Rate List
Selected Charge Rate
Topping Charge Pulse
Rate
Maintenance Charge
Pulse Rate
Fast Charge Timer
Duration (after power-
up or battery insertion)
4C (15 min)
one every 41 sec
one every 161 sec
21 min
1C (60 min)
one every 11 sec
one every 41 sec
75 min
C/2.5 (150 min)
one every 5 sec
one every 17 sec
212 min
See the section on Controller Operation for additional information on the topping charge and maintenance charge. See the section on Charge Termination
Methods for additional information on the charge timer.
+ 5 V
R4 = 1.3k, 1%
R3 = 2.21k, 1%
R1 = 100k
R2 = 20k
6 cells
+
-
VIN =
OPREF = 1.89V
current source on (no battery)
(open circuit voltage = 12V)
{
1.60V (battery present)
2.00V (no battery)
(9.6 V)
Alternate resistor divider at the OPREF
pin for tight tolerance applications
Resistor di vider at the VIN
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com