Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH5N100A Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH5N100A
Description  Standard Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH5N100A Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH5N100A Datasheet HTML 1Page - IXYS Corporation IXTH5N100A Datasheet HTML 2Page - IXYS Corporation IXTH5N100A Datasheet HTML 3Page - IXYS Corporation IXTH5N100A Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
IXTH5N100
IXTH5N100A
IXTM5N100
IXTM5N100A
Fig.7 Gate Charge Characteristic Curve
Fig.8 Forward Bias Safe Operating Area
Fig.11 Transient Thermal Impedance
Fig.9 Capacitance Curves
Fig.10 Source Current vs. Source
to Drain Voltage
V
DS - Volts
1
10
100
1000
0.1
1
10
Gate Charge - nCoulombs
0
10
203040506070
80
0
1
2
3
4
5
6
7
8
9
10
V
DS - Volts
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1
2
3
4
5
6
7
8
9
V
CE - Volts
0
5
10
15
20
25
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2750
Time - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.010
0.100
1.000
C
rss
C
oss
C
iss
10µs
100µs
1ms
10ms
100ms
Single Pulse
Limited by R
DS(on)
V
DS = 500V
I
D = 2.5A
I
G = 10mA
f = 1 MHz
V
DS = 25V
T
J = 125°C
T
J = 25°C
D=0.5
D=0.05
D=0.02
D=0.1
D=0.01
D=0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com