Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1797CS5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1797CS5
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797CS5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1797CS5 Datasheet HTML 4Page - Linear Technology LT1797CS5 Datasheet HTML 5Page - Linear Technology LT1797CS5 Datasheet HTML 6Page - Linear Technology LT1797CS5 Datasheet HTML 7Page - Linear Technology LT1797CS5 Datasheet HTML 8Page - Linear Technology LT1797CS5 Datasheet HTML 9Page - Linear Technology LT1797CS5 Datasheet HTML 10Page - Linear Technology LT1797CS5 Datasheet HTML 11Page - Linear Technology LT1797CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1797
TYPICAL APPLICATIO S
Single Supply Hi-Gain 80kHz Photodiode Amplifier
Ultra-Low Noise,
±5V Supply, Rail-to-Rail Output Amplifier
–
+
LT1797
3V
3V
R2
1k
R4
1k
R5
100k
R6
330
Ω
R3
10k
R1
100k
C1
0.1
µF
C2
0.1
µF
C3
1000pF
CP*
1797 TA02
*CP = SUM OF PHOTODIODE CAPACITANCE, PARASITIC LAYOUT
CAPACITANCE AND LT1797 INPUT CAPACITANCE
≅10pF.
TRANSIMPEDANCE GAIN: AZ = 10MΩ.
R6, C3 LIMIT THE NOISE BANDWIDTH TO 500kHz.
OUTPUT NOISE
≅1.8mVRMS.
R1, CP AND LT1797 GBW SET UPPER LIMIT ON BANDWIDTH.
R4, C2 SET LOWER 1.6kHz LIMIT ON GAIN OF 101.
PHOTODIODE
SFH213FA
–
+
–
+
R1
10k
R5
1k
R3
4.99k
R2
4.99k
–5V
–5V
5V
5V
LT1028
LT1797
IN
OUT
C1
2200pF
R4
10
Ω
1797 TA03
TOTAL INPUT VOLTAGE NOISE
≅ 0.94nV/√Hz
(INCLUDING 10
Ω RESISTOR)
BANDWIDTH
≅ 40kHz
AV = 500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com