Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDR3318 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LDR3318
Description  VERY LOW DROP DUAL VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDR3318 Datasheet(HTML) 3 Page - STMicroelectronics

  LDR3318 Datasheet HTML 1Page - STMicroelectronics LDR3318 Datasheet HTML 2Page - STMicroelectronics LDR3318 Datasheet HTML 3Page - STMicroelectronics LDR3318 Datasheet HTML 4Page - STMicroelectronics LDR3318 Datasheet HTML 5Page - STMicroelectronics LDR3318 Datasheet HTML 6Page - STMicroelectronics LDR3318 Datasheet HTML 7Page - STMicroelectronics LDR3318 Datasheet HTML 8Page - STMicroelectronics LDR3318 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LDRxxyy
3/13
Table 5: Electrical Characteristics (VI1 = VO1+2V, VI2 = VO2+2V, VINH1 = VINH2 = 2.5V,
CI1,2 = 2.2µF, CO1,2 = 4.7µF, IO1 = IO2 = 10mA, TA = -40°C to 125°C, unless otherwise specified. Typical
values are referred at TA = 25°C)
(1): This test is not performed for VO<2.5V.
(2): Guaranteed by design, but not tested in production.
Figure 3: Typical Application Circuit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO1
Output Voltage 1
-5
VNOM1
+5
%V
VO2
Output Voltage 2
-5
VNOM2
+5
%V
VDROP1 Dropout Voltage 1 (1)
IO1 = 500mA
0.3
0.7
V
VDROP2 Dropout Voltage 2 (1)
IO2 = 1A
0.4
0.8
V
∆V
O1
Line Regulation 1
VI1 = VO1+2V to VO1+7V, IO = 250mA
15
30
mV
∆V
O2
Line Regulation 2
VI2 = VO2+2V to VO2+7V, IO = 500mA
15
40
mV
∆V
O1
Load Regulation 1
VI1 = VO1+2V, IO1 = 10 to 500mA
10
mV
∆V
O2
Load Regulation 2
VI2 = VO2+2V, IO2 = 10mA to 1A
60
mV
ISTOT
Total Supply Current
IO1 = IO2 = NO LOAD
2
mA
IS
1 Channel Supply Current
NO LOAD
1
mA
IQMAX
Quiescent Current
IO1 = 500mA, IO2 = 1A
30
mA
ISC1
Short Circuit Current 1
TA = 25°
500
800
mA
ISC2
Short Circuit Current 2
TA = 25°
1
1.6
A
VINH-H Enable Voltage HIGH
2.4
V
VINH-L Enable Voltage LOW
0.8
V
IINH
Enable Pin Current
VINH = 5V
6
µA
SVR
Supply Voltage Rejection (2)
VI1,2 = VO1,2 +3V ±1V, IO1,2 = 10 mA,
f = 120Hz
70
dB
eN
RMS Output Noise (2)
Bandwidth of 10Hz to 100KHz
0.003
%VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com