Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KCF Datasheet(PDF) 1 Page - Alpha Wire

Part # KCF
Description  Mini 7/8??FemaleNPT Mount Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

KCF Datasheet(HTML) 1 Page - Alpha Wire

  KCF Datasheet HTML 1Page - Alpha Wire KCF Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: KCF Series
Mini 7/8” Female ½ NPT Mount Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
Mini, Female
Receptacle Threads
Internal
Housing
Aluminum, Leads Epoxy Potted
Insert
Polyurethane
Contact
Copper Alloy, Gold Plated
Mounting Orientation
1/2” 14-NPT
Panel Nut
Zinc Plated Steel
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
8 A
Rated Voltage
600 V
UL File
E485156
Lead Wires
AWG
16 AWG (26/30) Tinned Copper
Insulation
PVC
Color Code
US
Outside Diameter
0.121” Nominal
Lead Length
See Ordering Information
UL Style
AWM 1015 & 1230 and MTW
CSA Style
TEW
Environmental
Degree of Protection
IP 68/ NEMA 6P


Similar Part No. - KCF

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KCF COOPER-KCF Datasheet
716Kb / 6P
250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KCF EATON-KCF Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Nihon Inter Electronics...
KCF16A20 NIEC-KCF16A20 Datasheet
43Kb / 4P
Low Forward Voltage drop Diode
logo
Kyocera Kinseki Corpota...
KCF16A20 KSS-KCF16A20 Datasheet
733Kb / 5P
Fast Recovery Diode
logo
Inchange Semiconductor ...
KCF16A20 ISC-KCF16A20 Datasheet
285Kb / 2P
Fast Recovery Diode
More results

Similar Description - KCF

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACN ALPHAWIRE-ACN Datasheet
185Kb / 2P
M12-A Female 쩍 NPT Mount Receptacle
DCN ALPHAWIRE-DCN Datasheet
184Kb / 2P
M12-A Male 쩍 NPT Mount Receptacle
JCF ALPHAWIRE-JCF Datasheet
206Kb / 2P
Mini 7/8??Female 쩍 NPT Mount Receptacle
KR0300113 ALPHAWIRE-KR0300113 Datasheet
132Kb / 2P
Mini Female 7/8?
KR0400108 ALPHAWIRE-KR0400108 Datasheet
133Kb / 2P
Mini Female 7/8?
KR0500109 ALPHAWIRE-KR0500109 Datasheet
132Kb / 2P
Mini Female 7/8?
KR0500115 ALPHAWIRE-KR0500115 Datasheet
134Kb / 2P
Mini Female 7/8?
LCF3 ALPHAWIRE-LCF3 Datasheet
192Kb / 2P
Mini 7/8??Male 쩍 NPT Mount Receptacle
LCF6 ALPHAWIRE-LCF6 Datasheet
194Kb / 2P
Mini 7/8??Male 쩍 NPT Mount Receptacle
LR05KR109 ALPHAWIRE-LR05KR109 Datasheet
150Kb / 2P
Mini Male 7/8??to Mini Female 7/8?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com