Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2186 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2186
Description  Low Voltage PWM Control IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2186 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2186 Datasheet HTML 1Page - Micrel Semiconductor MIC2186 Datasheet HTML 2Page - Micrel Semiconductor MIC2186 Datasheet HTML 3Page - Micrel Semiconductor MIC2186 Datasheet HTML 4Page - Micrel Semiconductor MIC2186 Datasheet HTML 5Page - Micrel Semiconductor MIC2186 Datasheet HTML 6Page - Micrel Semiconductor MIC2186 Datasheet HTML 7Page - Micrel Semiconductor MIC2186 Datasheet HTML 8Page - Micrel Semiconductor MIC2186 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
July 2002
3
MIC2186
MIC2186
Micrel
Electrical Characteristics
V
INA = 5V, VINP = VOUT = 12V, SKIP = 0V, FREQ/2 = 0V, HiDC = 3V, VCSH = 0V, TJ = 25°C, unless otherwise specified. Bold values
indicate –40
°C < T
J < +125°C.
Parameter
Condition
Min
Typ
Max
Units
Regulation
Feedback Voltage Reference
(
±1%)
1.233
1.245
1.258
V
(
±2%)
1.220
1.270
V
3V
≤ V
INA ≤ 9V; 0mV ≤ CSH ≤ 75mV; (±3%)
1.208
1.245
1.282
V
Feedback Bias Current
50
nA
Output Voltage Line Regulation
3V
≤ V
INA ≤ 9V
+0.08
% / V
Output Voltage Load Regulation
0mV
≤ CSH ≤ 75mV
–1.2
%
Input & V
DD Supply
V
INA Input Current, PWM mode
V
SKIP = 0V
0.7
mA
V
INP Input Current, PWM mode
V
SKIP = 0V (excluding external MOSFET gate current)
2.8
mA
V
INA Input Current, SKIP mode
V
SKIP = 5V
0.6
mA
Shutdown Quiescent Current
VEN/UVLO = 0V; (I
VINA + IVINP)
0.5
5
µA
Digital Supply Voltage (VDD)
I
L = 0
2.82
3.0
3.18
V
Digital Supply Load Regulation
I
L = 0 to 0.5mA
0.03
V
Undervoltage Lockout
V
DD upper threshold (turn on threshold)
2.9
2.75
V
V
DD lower threshold (turn off threshold)
2.65
V
Reference Output (V
REF)
Reference Voltage
(
±1.5%)
1.226
1.245
1.264
V
(
±2.5%)
1.213
1.276
V
Reference Voltage Line
5V < VinA < 9V
2
mV
Regulation
Reference Voltage Load
0 < I
REF < 100µA1
mV
Regulation
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
INA, VINP) ......................................... 15V
Digital Supply Voltage (V
DD) ........................................... 7V
SKIP Pin Voltage (V
SKIP) ................................. –0.3V to 7V
Max Duty Cycle Pin Voltage (V
HIDC) ................ –0.3V to 7V
Frequency Divider Pin Voltage (V
FREQ/2) ........ –0.3V to 7V
Sync Pin Voltage (V
SYNC) ................................ –0.3V to 7V
Comp Pin Voltage (V
COMP) .............................. –0.3V to 3V
Feedback Pin Voltage (V
FB) ............................ –0.3V to 3V
Enable Pin Voltage (V
EN/UVLO) ...................... –0.3V to 15V
Current Sense Voltage (V
CSH) ......................... –0.3V to 1V
Power Dissipation (P
D)
16 lead SOP .............................. 400mW @ T
A = 85°C
16 lead QSOP ........................... 245mW @ T
A = 85°C
Ambient Storage Temp ............................ –65
°C to +150°C
ESD Rating (Note 3)
Operating Ratings (Note 2)
Supply Voltage (V
INA, VINP) ........................ +2.9V to +14V
Operating Ambient Temperature ......... –40
°C ≤ T
A ≤ +85°C
Junction Temperature ....................... –40
°C ≤ T
J ≤ +125°C
PackageThermal Resistance
θ
JA 16-lead SOP ............................................... 100°C/W
θ
JA 16-lead QSOP ............................................. 163°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com