Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1291AF Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # MM1291AF
Description  Protection of Lithium Ion Batteries (one cell)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1291AF Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM1291AF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1291AF Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUMI
Protection of Lithium Ion Batteries (one cell) MM1291
Pin Assignment
14
3
2
85
6
7
SOP-8C/SOP-8D
1
GND
2
GD
3
CS
4
OC
5
CE
6
TD
7
VCC
8
VIN
Pin Description
Pin NO.
NAME
I/O
Description
1
GND
Input
Negative power supply for this IC. Also acts as detection pin for the battery
connected between VIN-GND.
2
GD
Output
Nch-FET gate connection pin for discharge control. Switches gate OFF when
excess discharge is detected, and for current protection. Switches gate ON when
excess discharge is detected in normal state.
3
CS
Input
Detection pin for voltage between CS-GND. Detects excess discharge using Nch-
FET (discharge control) ON resistor and discharge current.
4
OC
Output
Control pin for Nch-FET for charge control. Switches FET off by activating an
external transistor when excess charging is detected.
5
N.C
6
TD
Input
This pin sets non-induction time for overcharge detection. It charges the capacitor
connected between TD-GND with a fixed current during overcharging.
7
VCC
Input
Positive power supply pin for the IC.
8
VIN
Input
Detection pin for the battery connected between VIN-GND.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com