Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT151N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HCT151N
Description  8-Channel Digital Multiplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HCT151N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM74HCT151N Datasheet HTML 1Page - National Semiconductor (TI) MM74HCT151N Datasheet HTML 2Page - National Semiconductor (TI) MM74HCT151N Datasheet HTML 3Page - National Semiconductor (TI) MM74HCT151N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage (VIN)
b
15V to VCCa15V
DC Output Voltage (VOUT)
b
05V to VCCa05V
Clamp Diode Current (IIK IOK)
g
20 mA
DC Output Current per Pin (IOUT)
g
25 mA
DC VCC or GND Current per Pin (ICC)
g
50 mA
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)
(Note 3)
600 mW
SO Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
55
V
DC Input or Output Voltage
0
VCC
V
(VIN VOUT)
Operating Temp Range (TA)
MM74HCT
b
40
a
85
C
MM54HCT
b
55
a
125
C
Input Rise or Fall Times
(tr tf)
500
ns
DC Electrical Characteristics (Note 4)
TAe25 C
74HCT
54HCT
Symbol
Parameter
Conditions
VCC
TA eb40 Cto a85 CTA eb55 Cto a125 C Units
Typ
Guaranteed Limits
VIH
Minimum High Level
V
Input Voltage
VIL
Maximum Low Level
V
Input Voltage
VOH
Minimum High Level VIN e VIH or VIL
Output Voltage
lIOUTl s
m
A
V
V
VIN e VIH or VIL
lIOUTl s
mA
V
V
lIOUTl s
mA
V
V
VOL
Maximum Low Level VIN e VIH or VIL
Output Voltage
lIOUTl e
m
A
V
lIOUTl e
mA
V
V
lIOUTl e
mA
V
V
IIN
Maximum Input
VIN e VCC or GND
V
g
g
g
m
A
Current
ICC
Maximum Quiescent VIN e VCC or GND
m
A
Supply Current
IOUT e
m
A
VIN e
V or
V Note
mA
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
Power Dissipation temperature derating
plastic ‘‘N’’ package b12 mW C from 65 Cto85 C ceramic ‘‘J’’ package b12 mW C from 100 Cto125 C
Note 4
For a power supply of 5V g10% the worst case output voltages (VOH and VOL) occur for HCT at 45V Thus the 45V values should be used when
designing with this supply Worst case VIH and VIL occur at VCC e 55V and 45V respectively (The VIH value at 55V is 385V) The worst case leakage current
(IIN ICC and IOZ) occur for CMOS at the higher voltage and so the 60V values should be used
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com