Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN66279RSC Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # MN66279RSC
Description  LSI FOR COMPACT DISC/CD ROM PLAYER
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN66279RSC Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button MN66279RSC Datasheet HTML 17Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 18Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 19Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 20Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 21Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 22Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 23Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 24Page - Panasonic Semiconductor MN66279RSC Datasheet HTML 25Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
MN662790RSC
SDD00025AEM
7-1 (3) Data setting for servos
[1] Data write (DTMS)
Various features can be achieved by writing various characteristics of the optical servo
system from an external microcomputer to this LSI.
  DTMS command is used to write the data such as servo parameters.
(Applications)
(A) Setting of automatic adjustment value
(B) Setting of the optical servo loop characteristics including the characteristics for anti-vibration
(C) Setting of gain crossover for the optical servo loop
(D) Mode selection for anti-vibration
(E) Various system settings
(F) Various settings for optical servo system
Note)
・Use the DTMS command in the STANDBY or PLAY mode.
・If you write data successively, wait at least 50
µs after each data writing so that the microcomputer
finishes DSP processing and becomes ready for writing next data.
(MDATA format)
1
1
1
1
0
0
1
0
A
7  A6  A5  A4  A3  A2  A1  A0
D
7  D6  D5  D4  D3  D2  D1  D0
: Data
: Address (Label specified)
: Command (DTMS)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com