Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLP Datasheet(PDF) 3 Page - Integrated Device Technology

Part # XLP
Description  IDT XO LVPECL Crystal Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLP Datasheet(HTML) 3 Page - Integrated Device Technology

  XLP_17 Datasheet HTML 1Page - Integrated Device Technology XLP_17 Datasheet HTML 2Page - Integrated Device Technology XLP_17 Datasheet HTML 3Page - Integrated Device Technology XLP_17 Datasheet HTML 4Page - Integrated Device Technology XLP_17 Datasheet HTML 5Page - Integrated Device Technology XLP_17 Datasheet HTML 6Page - Integrated Device Technology XLP_17 Datasheet HTML 7Page - Integrated Device Technology XLP_17 Datasheet HTML 8Page - Integrated Device Technology XLP_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
JUNE 20, 2017
3
IDT XO LVPECL CRYSTAL OSCILLATOR
XLP DATASHEET
DC Characteristics
(VDD= 3.3V ±5%, TA= - 20°C to +70°C; -40° to +85°C)
* A pullup resistor from pin 6 (VDD) to pin 1 (E/D) enables output when pin 1 is left open.
AC Characteristics
(VDD= 3.3V ±5%, TA= - 20°C to +70°C; -40° to +85°C)
Note: Inclusive of initial frequency accuracy, operating temperature range, supply variation, load variation, 3 times solder reflow, shock, vibration and 1 year aging at 25°C. We do not
recommend hand soldering the devices
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply Current
IDD
Common Frequencies
120
mA
Output HIGH Voltage
VOH
Standard LVPECL load
2.055
2.405
V
Output LOW Voltage
VOL
Standard LVPECL load
1.305
1.650
V
Enable/Disable Input HIGH Voltage
(Output enabled)*
VIH
70%VDD
V
Enable/Disable Input LOW Voltage
(Output disabled)
VIL
30%VDD
V
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Frequency Range
FOUTR
0.750
1350
MHz
Frequency Stability
Temperature = -20°C to +70°C
±20
±100
ppm
Temperature = -40°C to +85°C
±25
±100
ppm
Aging (1st year)
Ta = 25°C
3
Aging (10 years)
Ta = 25°C
10
Output Load
TO VDD - 2.0V
50
Ohms
Start-up Time
TST
Output valid time after VDD meets
minimum specified level
10
ms
Output Rise Time
20% to 80% VPP
400
ps
Output Fall Time
80% to 20% VPP
400
ps
Output Clock Duty Cycle
TDTCY
50% VP-P
45
55
%
Output Enable/ Disable Time
TOE
100
ns
Period Jitter, RMS
JPER
Frequency = 156.25MHz
5.80
ps
Random Jitter
RJ
Frequency = 156.25MHz
Per MJSQ spec (Methodologies for
Jitter and Signal Quality specifications)
1.29
ps
Deterministic Jitter
DJ
9.3
ps
Total Jitter
TJ
27.7
ps
Phase Jitter (12kHz – 20MHz)
JITTER
Common Frequencies
860
fs
Phase Noise Performance
Frequency = 156.25MHz
NOISE
100Hz of Carrier
-80
dBc/Hz
1kHz of Carrier
-115
dBc/Hz
10kHz of Carrier
-117
dBc/Hz
100kHz of Carrier
-121
dBc/Hz
1MHz of Carrier
-142
dBc/Hz
10MHz of Carrier
-150
dBc/Hz
Output Frequency (Common)
FOUT
100MHz, 106.25MHz, 1258MHz, 150MHz, 155.52MHz, 156.25MHz, 200MHz,
212.5MHz, 250MHz, 300MHz, 312.5MHZ, 400MHz
(Contact IDT for additional frequencies)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com