Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHIRSBKS34493-R23 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHIRSBKS34493-R23
Description  DURL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHIRSBKS34493-R23 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHIRSBKS34493-R23 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fig.3 Relative Radiant Power
vs. Forward DC Current
Fig.4 Relative Radiant Power
2.0
Ambient Temperature[
℃]
0.8
0.0
Ambient Temperature
[℃]
-40
20
-20
0
60
40
-40
100
800
-20
40
20
0.9
1.0
1.0
0.5
1.5
100
80
60
0.1
0.1
Fig.6 Relative Radiant Power vs. Temperature
Fig.5 Forward DC Voltage vs. Temperature
1.1
1.2
3.0
2.5
1
IFDC[mA]
10
100
10
IFPK[mA]
100
1000
vs. Forward Peak Current
1.0
1.0
10.0
10.0
PART NO.LHIRSBKS34493/R23
900
850
800
0.1
0.0
0.0
Forward Voltage[V]
1.0
3.0
2.0
4.0
Wavelength[nm]
1
10
0.5
950
Fig.2 Relative Radiant Power vs. Wavelength
Fig.1 Forward Current vs. Rorward Voltage
100
1000
1.0
Typical Electro-Optical Characteristics Curve
HIR CHIP
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 3/6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com