Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA16 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA16
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA16 Datasheet(HTML) 4 Page - Cirrus Logic

  PA16 Datasheet HTML 1Page - Cirrus Logic PA16 Datasheet HTML 2Page - Cirrus Logic PA16 Datasheet HTML 3Page - Cirrus Logic PA16 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
OPERATING
CONSIDERATIONS
PA16 • PA16A
���
����
�����������������
�����
���
�
�������������������
���
����
����
�
�
�
������������
���
�
��
��������������
���
�
��
�
�
��
��������������
���
���
�
��
��
��
���
���
�����������������
���������������
����
���
�
���
���
��
����
���
���
������������
�
��
���
���
�
�
������
�
��������
�
��������������������
�
��������������������
�������������
�
���������
�
���������
�
�������
�
������
�
������
�
������
�
�������
�
������
GENERAL
Please read Application Note 1 "General Operating Considerations" which cov-
ers stability, supplies, heat sinking, mounting, current limit, SOA interpretation, and
specification interpretation. Visit www.apexmicrotech.com for design tools that help
automate tasks such as calculations for stability, internal power dissipation, current
limit; heat sink selection; Apex’s complete Application Notes library; Technical Seminar
Workbook; and Evaluation Kits.
SAFE OPERATING AREA
(SOA)
The SOA curves combine
the effect of all limits for this
Power Op Amp. For a given
application, the direction
and magnitude of the output
current should be calculated
or measured and checked
against the SOA curves.
This is simple for resistive
loads but more complex for
reactive and EMF generat-
ing loads. The following
guidelines may save exten-
sive analytical efforts:
The amplifier can handle
any EMF generating or
reactive load and short cir-
cuits to the supply rails or shorts to common if the current limits are set as follows at
T
C = 85°C.
SHORT TO ±V
S
SHORT TO
±V
S
C, L OR EMF LOAD
COMMON
18V
.9A
1.8A
15V
1.0A
2.1A
10V
1.6A
3.2A
These simplified limits may be exceeded with further analysis using the operating
conditions for a specific application.
CURRENT LIMIT
Proper operation requires the use of two current limit resistors, connected as shown
in the external connection diagram. The minimum value for R
CL is 0.12 ohm, however for
optimum reliability it should be set as high as possible. Refer to the “General Operating
Considerations” section of the handbook for current limit adjust details.
.65
R
CL =
-0.01
I
LIM (A)
DEVICE MOUNTING
The case (mounting flange) is electrically isolated and should be mounted directly to a
heatsink with thermal compound. Screws with Belville spring washers are recommended
to maintain positive clamping pressure on heatsink mounting surfaces. Long periods
of thermal cycling can loosen mounting screws and increase thermal resistance.
Since the case is electrically isolated (floating) with respect to the internal circuits it
is recommended to connect it to common or other convenient AC ground potential.
�
�
�������
�
�
�������
���
���
���
���
���
���
���
���
���
�
� �
��
�
��
��
�� ��
��
���������������������������������������
���������
���
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA16U REV F MARCH 2003 © 2003 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com