Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87334VLJ Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 46Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 47Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 48Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 49Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 50Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 51Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 52Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 53Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
40 FDC Command Set Description (Continued)
TABLE 4-17 Motor Off Time (MFT) Values
Data Rate
Mode 1 (TMR e 0)
Mode 2 (TMR e 1)
Units
Value
Range
Value
Range
1 Mbps
MFT c 8
8 – 128
MFT c 512
512 – 8192
ms
500 kbps
MFT c 16
16 – 256
MFT c 512
512 – 8192
ms
300 kbps
MFT c 803
267 – 427
MFT c 25603
853 – 13653
ms
250 kbps
MFT c 32
32 – 512
MFT c 1024
1024 – 16384
ms
Note
Motor Off Time e 0 is treated as MFT e 16
TABLE 4-18 Motor On Time (MNT) Values
Data Rate
Mode 1 (TMR e 0)
Mode 2 (TMR e 1)
Units
Value
Range
Value
Range
1 Mbps
MNT
1 – 128
MNT c 32
32 – 4096
ms
500 kbps
MNT
1 – 128
MNT c 32
32 – 4096
ms
300 kbps
MNT c 103
33 – 427
MNT c 1603
53 – 6827
ms
250 kbps
MNT c 4
4 – 512
MNT c 64
64 – 8192
ms
Note
Motor On Time e 0 is treated as MNT e 128
The Motor Off and Motor On timers are artifacts of the NEC
m
PD765 These timers determine both the delay from se-
lecting a drive motor until a read or write operation is start-
ed and the delay of deselecting the drive motor after the
command is completed Since the FDC enables the drive
and motor select line directly through the DOR these timers
only provide some delay from the initiation of a command
until it is actually started
4121 Verify Command
The Verify command reads logical sectors containing a Nor-
mal Data AM from the selected drive without transferring
the data to the host This command is identical to the Read
Data command except that no data is transferred during
the Execution Phase
The Verify command is designed for post-format or post-
write verification Data is read from the disk as the control-
ler checks for valid Address Marks in the Address and Data
Fields The CRC is computed and checked against the pre-
viously stored value on the disk The EOT value should be
set to the final sector to be checked on each side If EOT is
greater than the number of sectors per side the command
will terminate with an error and no useful Address Mark or
CRC data will be given
The TC pin cannot be used to terminate this command
since no data is transferred The verify command can simu-
late a TC by setting the EC bit to a 1 In this case the
command will terminate when SC (Sector Count) sectors
have been read (If SC e 0 then 256 sectors will be veri-
fied) If EC e 0 then the command will terminate when
EOT is equal to the last sector to be checked In this case
the Data Length parameter should be set to FFh Refer to
Table 4-10 for the Result Phase values for a successful
completion of the command Also see Table 4-19 for further
explanation of the result bytes with respect to the MT and
EC bits
Command Phase
MT
MFM
SK
1
0
1
1
0
EC
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data LengthSector Count
Execution Phase
Data is read from disk but not transferred
to the system
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com