Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS187X Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS187X
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS187X Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS187X Datasheet HTML 11Page - STMicroelectronics TS187X Datasheet HTML 12Page - STMicroelectronics TS187X Datasheet HTML 13Page - STMicroelectronics TS187X Datasheet HTML 14Page - STMicroelectronics TS187X Datasheet HTML 15Page - STMicroelectronics TS187X Datasheet HTML 16Page - STMicroelectronics TS187X Datasheet HTML 17Page - STMicroelectronics TS187X Datasheet HTML 18Page - STMicroelectronics TS187X Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TS187x, TS187xA
Electrical characteristics
Doc ID 6992 Rev 7
15/25
Figure 43.
Distortion vs. frequency
at VCC = 1.8 V
Figure 44.
Distortion vs. frequency
at VCC = 3 V
Figure 45.
Distortion vs. frequency
at VCC = 1.8 V, RL = 32 Ω
Figure 46.
Distortion vs. frequency
at VCC = 3 V, RL = 32 Ω
Figure 47.
Output power vs. supply voltage
Figure 48.
Common mode rejection ratio
vs. frequency at VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com