Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4621E Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4621E
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621E Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4621E Datasheet HTML 21Page - STMicroelectronics TS4621E Datasheet HTML 22Page - STMicroelectronics TS4621E Datasheet HTML 23Page - STMicroelectronics TS4621E Datasheet HTML 24Page - STMicroelectronics TS4621E Datasheet HTML 25Page - STMicroelectronics TS4621E Datasheet HTML 26Page - STMicroelectronics TS4621E Datasheet HTML 27Page - STMicroelectronics TS4621E Datasheet HTML 28Page - STMicroelectronics TS4621E Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
TS4621E
Application information
Doc ID 022201 Rev 1
25/32
4.1.3
Control register CR1 - address 1
Amplifier output short-circuit detection: bits SC_L and SC_R
The amplifier’s outputs are protected from short-circuits that might accidentally occur during
manipulation of the device. In a typical application, if a short-circuit arises on the jack plug,
there will be no detection because of the serial resistor present on the amplifier output, thus
the output current threshold will not be reached.
To be active, the detection has to occur directly on the amplifier’s output with a signal
modulation on the inputs of the TS4621E. This detection is depicted in Figure 74.
Figure 74.
Flowchart for short-circuit detection
If a short-circuit is detected three consecutive times on one channel, a flag is raised in the
I²C read register CR1.
●
SC_L: equals 0 during normal operation, equals 1 when a short-circuit is detected on
the left channel.
●
SC_R: equals 0 during normal operation, equals 1 when a short-circuit is detected on
the right channel.
The corresponding channel’s output stage is then set to high impedance mode. An I²C read
command allows the reading of the SC_L and SC_R flags but does not reset them. An I²C
write command has to be sent to CR1 to reset the flags to 0 and restore normal operation.
AM06117
Counter = 0
TS4621E power OFF
Counter = counter + 1
TS4621E power ON
Timeout = 40 ms
TS4621E power ON
Wait 40 ms
Set flag SC_L or SC_R to 1
Set flag HiZ_L or HiZ_R to 1
Shortcut detection
Shortcut detection
Shortcut detection & timeout = 0
Shortcut detection
Reset
Counter < 3
Counter = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com