Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9222ID Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS9222ID
Description  HIgh precision high stability dual and quad operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS9222ID Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS9222ID Datasheet HTML 4Page - STMicroelectronics TS9222ID Datasheet HTML 5Page - STMicroelectronics TS9222ID Datasheet HTML 6Page - STMicroelectronics TS9222ID Datasheet HTML 7Page - STMicroelectronics TS9222ID Datasheet HTML 8Page - STMicroelectronics TS9222ID Datasheet HTML 9Page - STMicroelectronics TS9222ID Datasheet HTML 10Page - STMicroelectronics TS9222ID Datasheet HTML 11Page - STMicroelectronics TS9222ID Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
TS9222, TS9224
8/16
DocID15718 Rev 5
Figure 7. THD + noise vs. frequency,
RL = 32 Ω, Vo = 4 Vpp
Figure 8. THD + noise vs. frequency,
RL = 32 Ω, Vo = 2 Vpp
0.01
0.1
1
10
100
Frequency (kHz)
0
0.008
0.016
0.024
0.032
0.04
RL=32Ω Vo=4Vpp
VCC=±2.5V Av= 1
0.01
0.1
1
10
100
Frequency (kHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
RL=32Ω Vo=2Vpp
VCC=±1.5V Av= 10
Figure 9. THD + noise vs. output voltage,
RL = 600 Ω, f = 1 kHz
Figure 10. THD + noise vs. output voltage,
RL = 32 Ω, f = 1 kHz
Figure 11. THD + noise vs. output voltage,
RL = 2 kΩ, f = 1 kHz
0
0,2
0,4
0,6
0,8
1
1,2
0,001
0,010
0,100
1,000
10,000
Vout (Vrms)
RL=600Ω f=1kHz
VCC=0/3V Av= -1
0
0.2
0.4
0.6
0.8
1
Vout (Vrms)
0.01
0.1
1
10
RL=32Ω f=1kHz
VCC=±1.5V Av= -1
0
0.2
0.4
0.6
0.8
1
1.2
Vout (Vrms)
0.001
0.01
0.1
1
10
RL=2kΩ f=1kHz
VCC=±1.5V Av= -1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com