Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV632A Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSV632A
Description  Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV632A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSV632A Datasheet HTML 11Page - STMicroelectronics TSV632A Datasheet HTML 12Page - STMicroelectronics TSV632A Datasheet HTML 13Page - STMicroelectronics TSV632A Datasheet HTML 14Page - STMicroelectronics TSV632A Datasheet HTML 15Page - STMicroelectronics TSV632A Datasheet HTML 16Page - STMicroelectronics TSV632A Datasheet HTML 17Page - STMicroelectronics TSV632A Datasheet HTML 18Page - STMicroelectronics TSV632A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
TSV632, TSV632A, TSV633, TSV633A, TSV634,
TSV634A, TSV635, TSV635A
Application information
DocID15688 Rev 6
15/31
4.4
Shutdown function (TSV633, TSV635)
The operational amplifiers are enabled when the SHDN pin is pulled high. To disable the
amplifiers, the
SHDN
must be pulled down to VCC-. When in shutdown mode, the
amplifiers’ output is in a high impedance state. The SHDN pin must never be left floating,
but tied to VCC+ or VCC-.
The turn-on and turn-off times are calculated for an output variation of ±200 mV. Figure 18
and Figure 19 show the test configurations. Figure 20 shows the time it takes the product to
come out of shutdown mode and Figure 21 shows the time it takes the product to enter
shutdown mode.
Figure 18: Test configuration for turn-on time (Vout
pulled down)
Figure 19: Test configuration for turn-off time (Vout
pulled down)
Figure 20: Turn-on time, VCC = 5 V, Vout pulled down,
T = 25° C
Figure 21: Turn-off time, VCC = 5 V, Vout pulled down,
T = 25° C
Vcc-0.5V
+
-
+Vcc
DUT
GND
GND
Vcc-0.5V
+
-
+Vcc
DUT
GND
GND
µ
°C
25°
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com