Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV855A Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSV855A
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV855A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSV855A Datasheet HTML 23Page - STMicroelectronics TSV855A Datasheet HTML 24Page - STMicroelectronics TSV855A Datasheet HTML 25Page - STMicroelectronics TSV855A Datasheet HTML 26Page - STMicroelectronics TSV855A Datasheet HTML 27Page - STMicroelectronics TSV855A Datasheet HTML 28Page - STMicroelectronics TSV855A Datasheet HTML 29Page - STMicroelectronics TSV855A Datasheet HTML 30Page - STMicroelectronics TSV855A Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
DocID022468 Rev 4
29/31
TSV85x, TSV85xA
Ordering information
31
6
Ordering information
Table 19. Order codes for devices without shutdown feature
Order code
Temperature
range
Package
Packing
Marking
TSV851ICT
-40 °C to 125 °C
SC70-5
Tape and reel
K5E
TSV851ILT
SOT23-5
K153
TSV852IQ2T
DFN8 2x2
K5E
TSV852IST
MiniSO8
K153
TSV852IDT
SO8
TSV852I
TSV854IPT
TSSOP14
TSV854I
TSV854IDT
SO14
TSV854IQ4T
QFN16 3x3
K157
TSV851AICT
SC70-5
K5F
TSV851AILT
SOT23-5
K154
TSV852AIST
MiniSO8
TSV852AIDT
SO8
TSV852AI
TSV854AIPT
TSSOP14
TSV854AI
TSV854AIDT
SO14
Table 20. Order codes for devices with shutdown feature
Order code
Temperature
range
Package
Packing
Marking
TSV850ILT
-40 °C to 125 °C
SOT23-6
Tape and reel
K153
TSV853IST
MiniSO10
TSV855IPT
TSSOP16
TSV855I
TSV850AILT
SOT23-6
K154
TSV853AIST
MiniSO10
TSV855AIPT
TSSOP16
TSV855AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com