Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW12N60D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW12N60D
Description  N-channel Enhanced mode TO-220F MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW12N60D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW12N60D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW12N60D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
1/6
SW12N60D
N-channel Enhanced mode TO-220F MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain to source voltage
600
V
ID
Continuous drain current (@TC=25oC)
12*
A
Continuous drain current (@TC=100oC)
7.6*
A
IDM
Drain current pulsed
(note 1)
48
A
VGS
Gate to source voltage
±30
V
EAS
Single pulsed avalanche energy
(note 2)
605
mJ
EAR
Repetitive avalanche energy
(note 1)
60
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
32.3
W
Derating factor above 25oC
0.26
W/oC
TSTG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
TL
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
3.87
oC/W
Rthja
Thermal resistance, Junction to ambient
47.5
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 600V
I
D
: 12A
R
DS(ON) : 0.7
Ω
1. Gate 2. Drain 3. Source
1
2
3
1
2
3
TO-220F
Item
Sales Type
Marking
Package
Packaging
1
SW F 12N60D
SW12N60D
TO-220F
TUBE
Order Codes
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.7Ω)@VGS=10V
 Low Gate Charge (Typ 48nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: UPS
,Inverter,PC-POWER
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.


Similar Part No. - SW12N60D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW12N60 SEMIPOWER-SW12N60 Datasheet
1Mb / 7P
N-channel MOSFET
More results

Similar Description - SW12N60D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70K SEMIPOWER-SW10N70K Datasheet
1Mb / 6P
N-channel Enhanced mode TO-220F/TO-252 MOSFET
SW10N80D SEMIPOWER-SW10N80D Datasheet
868Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW15N50A SEMIPOWER-SW15N50A Datasheet
576Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW16N60K SEMIPOWER-SW16N60K Datasheet
777Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW5N60D SEMIPOWER-SW5N60D Datasheet
772Kb / 6P
N-channel Enhanced mode TO-220F/TO-220SF MOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW18N65D SEMIPOWER-SW18N65D Datasheet
655Kb / 6P
N-channel Enhanced mode TO-220F/TO-247 MOSFET
SW7N80D SEMIPOWER-SW7N80D Datasheet
643Kb / 6P
N-channel Enhanced mode TO-220F/TO-262 MOSFET
SW8N70D SEMIPOWER-SW8N70D Datasheet
744Kb / 6P
N-channel Enhanced mode TO-220F/TO-262N MOSFET
SW8N70K SEMIPOWER-SW8N70K Datasheet
776Kb / 6P
N-channel Enhanced mode TO-220F/TO-252 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com