Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR1A Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # DFR1A
Description  Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DFR1A Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DFR1A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DFR1A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. DFR1A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-123FL
A
∠ALL ROUND
V
A
M
UNIT
mm
1.27
0.20
2.9
1.95
3.8
0.95
0.12
2.6
1.75
3.5
7°
max
min
mil
max
min
50
37
7.9
4.7
114
102
77
69
150
138
A
C
D
E
HE
∠
1.1
0.8
43
31
e
Bottom View
HE
∠ALL ROUND
E
D
g
Top View
0.9
0.7
35
28
g
g
The recommended mounting pad size
2.0
(79)
1.2
(47)
mm
(mil)
Unit:
1.2
(47)
http://www.trr-jx.com
DFR1A
DFR1B
DFR1D
DFR1G
DFR1J
DFR1K
DFR1M
F1A
F1B
F1D
F1G
F1J
F1K
F1M
Surface Mount Fast Recovery Rectifiers
DFR1A THRU DFR1M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com