Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS3ABF Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # RS3ABF
Description  Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

RS3ABF Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  RS3ABF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. RS3ABF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. RS3ABF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage - 50 to 1000 V
Forward Current - 3 A
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Instantaneous Forward Voltage at 3 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at Ta = 65
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
Maximum Reverse Recovery Time 1)
Typical Junction Capacitance 2)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
3
100
1.3
5
150
150
250
60
-55 ~ +150
A
A
V
μA
ns
pF
°C
Maximum Ratings and Electrical characteristics
Units
Cj
T , T
j
stg
trr
Symbols RS3ABF RS3BBF RS3DBF RS3GBF RS3JBF RS3KBF RS3MBF
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
Easy to pick and place
Fast reverse recovery time
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SMBF
Terminals: Solderable per MIL-STD-750, Method 2026
•
pprox. Weight: 57mg / 0.002oz
•
•
•
•
•
•
•
•
A
Typical Thermal Resistance
RθJA
55
°C/W
3)
1
)Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
2
)Measured at 1MHz and applied reverse voltage of 4V D.C
3)P.C.B. mounted with 0.5 X 0.5" (12.7 X 12.7 mm) copper pad areas.
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline
SMBF symbol
Top View
Marking Code: R3AB~R3MB
1
2
RS3ABF THRU RS3MBF
Surface Mount Fast Recovery Rectifiers
http://www.trr-jx.com


Similar Part No. - RS3ABF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
RS3ABF CHENDA-RS3ABF Datasheet
557Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RS3ABF YFWDIODE-RS3ABF Datasheet
86Kb / 3P
Surface MountFast Recovery Rectifiers
logo
Xian Semipower Electron...
RS3ABF SEMIPOWER-RS3ABF Datasheet
123Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Jiangsu High diode Semi...
RS3ABF HDSEMI-RS3ABF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
logo
Zibo Seno Electronic En...
RS3ABF ZSELEC-RS3ABF Datasheet
109Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
More results

Similar Description - RS3ABF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com