Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGF700 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AGF700
Description  Extra wide trim range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AGF700 Datasheet(HTML) 1 Page - Artesyn Technologies

  AGF700 Datasheet HTML 1Page - Artesyn Technologies AGF700 Datasheet HTML 2Page - Artesyn Technologies AGF700 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AGF700 Series
700 Watts
Total Power: 700 Watts
Input Voltage: 36 - 75 V
# of Outputs: Single
Special featureS
ƒ
2:1 Wide input range
ƒ
Extra wide trim range
ƒ
Optimised for high density,
small space applications
ƒ
Low ripple and noise
ƒ
Fixed switching frequency
ƒ
Super high efficiency
ƒ
High capacitive load capability
ƒ
Basic insulation system
ƒ
Aluminium Substrate
ƒ
Functions
ƒ
Power good
ƒ
Auxiliary power rail
ƒ
Current share
Safety
ƒ
UL 60950-1
ƒ
IEC60950 -1
Electrical Specifications
Input
Input range:
36 - 75 VDC
Efficiency2:
94.5%
Output
Voltage tolerance:
+/-1%
Line regulation:
15mV
Load regulation:
60mV
Noise/ripple:
250mV
Over voltage protection:
Hiccup
Over temperature protection:
Auto restart
Switching frequency:
320 KHz
Temperature coefficient:
±0.02/°C
Isolation
I/O isolation:
1500 VDC min.
Data Sheet
Environmental Specifications
Operating ambient temperature range: -40°C to +85 °C
Storage temperature:
-55 °C to +125 °C
Humidity:
5% to 95% (non-condensing)
MTBF:
1.5 Million hours
RoHS Compliant


Similar Part No. - AGF700

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AGF700 ADVANCEDENERGY-AGF700 Datasheet
444Kb / 5P
700 Watts
logo
Artesyn Technologies
AGF700-48S30LT ARTESYN-AGF700-48S30LT Datasheet
861Kb / 3P
POWER 700 Watts
More results

Similar Description - AGF700

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
Wide Resistance Range
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
logo
Ledil, Inc.
F16860 LEDIL-F16860 Datasheet
3Mb / 6P
~145째 100째 extra wide beam for uplighting
F17201 LEDIL-F17201 Datasheet
1Mb / 7P
~165째 130째 extra wide beam for uplighting
logo
Texas Instruments
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V02 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V02 Datasheet
3Mb / 47P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com