Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIH Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AIH
Description  Positive and Negative enable function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AIH Datasheet(HTML) 1 Page - Artesyn Technologies

  AIH Datasheet HTML 1Page - Artesyn Technologies AIH Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
AIH Series
250 Watts
Total Power: 250 Watts
(12 V @ 20.8 A)
Input Voltage: 300 V
# of Outputs: Single
SPECIAL FEATURES
ƒ
250 W continuous power at 100 °C
baseplate temperature
ƒ
High efficiency - up to 88%
ƒ
Low output ripple and noise
ƒ
Positive and Negative enable function
ƒ
Excellent transient response
ƒ
Safety isolated low voltage control and
monitoring
ƒ
High reliability
ƒ
Wide input voltage range
ƒ
Paralleable with accurate current
sharing
ƒ
Adjustable output voltage
ƒ
Regulation to zero load
ƒ
Temperature monitor output
ƒ
EU Directive 2002/95/EC compliant for
RoHS
ƒ
Two year warranty
SAFETY
ƒ
UL
60950 Recognized
ƒ
cUL
60950 Recognized
ƒ
TUV
EN60950 Licensed
ƒ
CE
CE Mark
Electrical Specifications
Input
Input range
250 - 420 VDC
Input surge
450 V / 100 ms
Efficiency*
88% @ 5.0 V (typical)
Output
Load Regulation
60 W for convection; 80 W with 30 CFM forced air
Line Regulation
-5, +10% minimum
Noise / ripple
20 ms @ 60 W load, 115 VAC nominal line
Output voltage adjust range
Short circuit protection on all outputs
Case overload protected @ 110 - 145% above peak rating
Transient response
5 V output; 5.7 - 6.7 VDC. Other outputs 10% to 25% above
nominal output
Current share accuracy
Compensates for 0.5 V lead drop min.
Will operate without remote sense connected
Reverse connection protected
Overvoltage protection
130% Vo (3.3 Vo and 5 Vo); 125% Vo (other Vo)
Current limit
120% Io maximum
Control
Voltage adjust
80 to 120% for 5 V and above; +10% / -50% for below 5 V
Enable
TTL compatible (positive & negative enable options)
Clock input (external sync)
3.3 to 5.5 Vp-p @ 800 MHz ±5%
Temperature monitor output
10 mV/°K (2.73 = 0 °C)
Current monitor output
0 to 1 mA (1 mA = 100% Io rated)
Note: Nominal values apply with sense pins disconnected and other control pin unconnected.
*For detailed technical information, please refer to the product’s Technical Reference Notes found at
www.Artesyn.com/power.
Data Sheet


Similar Part No. - AIH

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AIH EMERSON-NETWORKPOWER-AIH Datasheet
139Kb / 2P
250W Continuous power at 100째C baseplate temperature
logo
Advanced Energy Industr...
AIH ADVANCEDENERGY-AIH Datasheet
170Kb / 4P
250 Watts
logo
Astec America, Inc
AIH10H300 ASTEC-AIH10H300 Datasheet
115Kb / 2P
250 Watts
logo
Emerson Network Power
AIH10H300 EMERSON-NETWORKPOWER-AIH10H300 Datasheet
139Kb / 2P
250W Continuous power at 100째C baseplate temperature
logo
Artesyn Technologies
AIH10H300 ARTESYN-AIH10H300 Datasheet
485Kb / 2P
Total Power: 250 Watts
More results

Similar Description - AIH

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3916FVM ROHM-BD3916FVM Datasheet
237Kb / 6P
Positive and Negative Variable Linear Regulator
BD3985FV ROHM-BD3985FV Datasheet
237Kb / 6P
Positive and Negative Variable Linear Regulator
BD3987FV ROHM-BD3987FV Datasheet
239Kb / 6P
Positive and Negative Variable Linear Regulator
BD3988FV ROHM-BD3988FV Datasheet
238Kb / 6P
Positive and Negative Variable Linear Regulator
BD3989FV ROHM-BD3989FV Datasheet
236Kb / 6P
Positive and Negative Variable Linear Regulator
logo
Analog Devices
ADP5070 AD-ADP5070 Datasheet
1,023Kb / 28P
Independent Positive and Negative Outputs
REV. A
ADP5071 AD-ADP5071 Datasheet
1,002Kb / 28P
Independent Positive and Negative Outputs
REV. A
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
Output enable function
logo
Analog Devices
ADP7182 AD-ADP7182 Datasheet
995Kb / 31P
Positive or negative enable logic
Rev. I
logo
ON Semiconductor
NCP370 ONSEMI-NCP370_11 Datasheet
220Kb / 11P
Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com