Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW20N03A Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW20N03A
Description  N-channel Enhanced mode DFN3*3 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW20N03A Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW20N03A Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW20N03A Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW20N03A Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW20N03A Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW20N03A Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW20N03A Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Nov. 2016. Rev. 2.0
1/6
SW20N03A
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
30
V
I
D
Continuous drain current (@T
C=25
oC)
5.7*
A
Continuous drain current (@T
C=100
oC)
3.6*
A
I
DM
Drain current pulsed
(note 1)
23
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
41
mJ
E
AR
Repetitive avalanche energy
(note 1)
3
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
1.5
W
Derating factor above 25oC
0.01
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient
86
oC/W
*. Drain current is limited by junction temperature.
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW H 20N03A
SW20N03A
DFN3*3
REEL
N-channel Enhanced mode DFN3*3 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 19mΩ)@VGS=10V
(Typ 23m
Ω)@V
GS=4.5V
 Low Gate Charge (Typ 14nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:DC-DC Converter,Inverter,
Synchronous Rectification
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS :30 V
I
D
: 5.7A
R
DS(ON) : 19mΩ@VGS=10V
23m
Ω@V
GS=4.5V
G(4)
D(5,6,7,8)
S(1,2,3)
DFN3*3
Note: R
thja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is d
efined as the solder mounting surface of the drain pins. R
thjc is guaranteed by design while Rthca is determined by the user's
board design.
86oC/W on a 1 in2 pad of 2oz copper.


Similar Part No. - SW20N03A

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW20N20D SEMIPOWER-SW20N20D Datasheet
639Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW20N50 SEMIPOWER-SW20N50 Datasheet
711Kb / 7P
N-channel Power MOSFET
logo
List of Unclassifed Man...
SW20N50D ETC-SW20N50D Datasheet
881Kb / 5P
N-channel MOSFET
October 2012 : Rev0
logo
Xian Semipower Electron...
SW20N50U SEMIPOWER-SW20N50U Datasheet
629Kb / 5P
N-channel TO-3P MOSFET
SW20N60 SEMIPOWER-SW20N60 Datasheet
741Kb / 7P
N-channel Power MOSFET
More results

Similar Description - SW20N03A

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW15P02 SEMIPOWER-SW15P02 Datasheet
1Mb / 7P
P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW045R02VT SEMIPOWER-SW045R02VT Datasheet
658Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
SW055R03VT SEMIPOWER-SW055R03VT Datasheet
701Kb / 7P
N-channel Enhanced mode TO-252/TO-251/DFN3*3 MOSFET
SW100R08VS SEMIPOWER-SW100R08VS Datasheet
564Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW110R03VT SEMIPOWER-SW110R03VT Datasheet
732Kb / 6P
N-channel Enhanced mode TO-252/DFN3*3 MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW160R02VT SEMIPOWER-SW160R02VT Datasheet
760Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
Apr. 2019.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com