Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW30N06U Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW30N06U
Description  N-channel Enhancement mode TO-251/TO-252MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW30N06U Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW30N06U Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW30N06U Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW30N06U Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW30N06U Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW30N06U Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW30N06U Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 3.0
1/6
Absolute maximum ratings
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-251
TO-252
Rthjc
Thermal resistance, Junction to case
1.2
1.1
oC/W
Rthcs
Thermal resistance, Case to Sink
0.5
oC/W
Rthja
Thermal resistance, Junction to ambient
75
oC/W
1. Gate 2. Drain 3. Source
SW30N06U
Item
Sales Type
Marking
Package
Packaging
1
SW I 30N06U
SW30N06U
TO-251
TUBE
2
SW D 30N06U
SW30N06U
TO-252
REEL
Order Codes
Symbol
Parameter
Value
Unit
TO-251
TO-252
VDSS
Drain to Source Voltage
60
V
ID
Continuous Drain Current (@TC=25oC)
30*
A
Continuous Drain Current (@TC=100oC)
19*
A
IDM
Drain current pulsed
(note 1)
120
A
VGS
Gate to Source Voltage
±20
V
EAS
Single pulsed Avalanche Energy
(note 2)
270
mJ
EAR
Repetitive Avalanche Energy
(note 1)
18
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
104.2
113.6
W
Derating Factor above 25oC
0.83
0.91
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
TO-251
1
2
3
*. Drain current is limited by junction temperature.
TO-252
1
2
3
N-channel Enhancement mode TO-251/TO-252 MOSFET
BV
DSS : 60V
I
D
: 30A
R
DS(ON) : 25.4mΩ
1
2
3
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
Features
 High ruggedness
 R
DS(ON) (Typ 25.4mΩ)@VGS=10V
 Gate Charge (Typ 27nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: DC-DC, Motor control


Similar Part No. - SW30N06U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW30N06 SEMIPOWER-SW30N06 Datasheet
435Kb / 7P
N-channel MOSFET
More results

Similar Description - SW30N06U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW070R08VT SEMIPOWER-SW070R08VT Datasheet
646Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW1N90U SEMIPOWER-SW1N90U Datasheet
689Kb / 6P
N-channel Enhancement mode TO-251 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW4N60DC SEMIPOWER-SW4N60DC Datasheet
638Kb / 6P
N-channel Enhancement mode TO-251/TO-252MOSFET
SW4N65DB SEMIPOWER-SW4N65DB Datasheet
768Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW4N70K SEMIPOWER-SW4N70K Datasheet
744Kb / 6P
N-channel Enhancement mode TO-220F/TO-251/TO-252 MOSFET
SW60N06V2 SEMIPOWER-SW60N06V2 Datasheet
847Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW70N08V SEMIPOWER-SW70N08V Datasheet
636Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW80N08V SEMIPOWER-SW80N08V Datasheet
727Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com