Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW40N06V Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW40N06V
Description  N-channel Enhanced mode DFN5*6 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW40N06V Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW40N06V Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW40N06V Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW40N06V Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW40N06V Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW40N06V Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW40N06V Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2016. Rev. 2.0
1/6
SW40N06V
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
60
V
I
D
Continuous drain current (@T
C=25
oC)
40*
A
Continuous drain current (@T
C=100
oC)
25*
A
I
DM
Drain current pulsed
(note 1)
160
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
160
mJ
E
AR
Repetitive avalanche energy
(note 1)
13
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
1.49
W
Derating factor above 25oC
0.01
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient
84
oC/W
*. Drain current is limited by junction temperature.
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW HA 40N06V
SW40N06V
DFN5*6
REEL
N-channel Enhanced mode DFN5*6 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 8.4mΩ)@VGS=10V
(Typ 9.5m
Ω)@V
GS=4.5V
 Low Gate Charge (Typ 83nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Electronic Ballast, Motor Control
Synchronous Rectification, Inverter
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 60V
I
D
: 40A
R
DS(ON) : 8.4mΩ@VGS=10V
9.5m
Ω@V
GS=4.5V
1
2
3
DFN5*6


Similar Part No. - SW40N06V

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW40 ALPHAWIRE-SW40 Datasheet
387Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
TT Electronics.
SW4009D TTELEC-SW4009D Datasheet
397Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
28/05/2020
SW4009H TTELEC-SW4009H Datasheet
397Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
28/05/2020
SW4009U-VI TTELEC-SW4009U-VI Datasheet
367Kb / 2P
USA 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
22/06/2020
logo
BOWEI Integrated Circui...
SW401 BOWEI-SW401 Datasheet
252Kb / 1P
4-SPST Switches
More results

Similar Description - SW40N06V

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW15P02 SEMIPOWER-SW15P02 Datasheet
1Mb / 7P
P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
SW026R03VT SEMIPOWER-SW026R03VT Datasheet
664Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW069R06VT SEMIPOWER-SW069R06VT Datasheet
817Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW069R10VS SEMIPOWER-SW069R10VS Datasheet
714Kb / 7P
N-channel Enhanced mode DFN5*6/TO-251/TO-252/TO-220 MOSFET
SW100R08VT SEMIPOWER-SW100R08VT Datasheet
900Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW35N10V SEMIPOWER-SW35N10V Datasheet
894Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW60N04V SEMIPOWER-SW60N04V Datasheet
625Kb / 6P
N-channel Enhanced mode DFN5*6 MOSFET
SW80N06V1 SEMIPOWER-SW80N06V1 Datasheet
930Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW80N08V1 SEMIPOWER-SW80N08V1 Datasheet
887Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com