Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW18N65D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW18N65D
Description  N-channel Enhanced mode TO-220F/TO-247 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW18N65D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW18N65D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW18N65D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW18N65D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW18N65D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW18N65D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW18N65D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2017. Rev. 3.0
1/6
SW18N65D
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220F
TO-247
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
18*
A
Continuous drain current (@T
C=100
oC)
11*
A
I
DM
Drain current pulsed
(note 1)
72
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
680
mJ
E
AR
Repetitive avalanche energy
(note 1)
64
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
40
255
W
Derating factor above 25oC
0.32
2.04
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220F
TO-247
R
thjc
Thermal resistance, Junction to case
3.1
0.49
oC/W
R
thja
Thermal resistance, Junction to ambient
48
35
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 18N65D
SW18N65D
TO-220F
TUBE
2
SW T 18N65D
SW18N65D
TO-247
TUBE
N-channel Enhanced mode TO-220F/TO-247 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.35Ω)@VGS=10V
 Low Gate Charge (Typ 79nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: LED , Charge, PC Power
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 650V
I
D
: 18A
R
DS(ON) : 0.35Ω
1
2
3
TO-220F
1
2
3
TO-247
1
2
3


Similar Part No. - SW18N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
More results

Similar Description - SW18N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N50K SEMIPOWER-SW10N50K Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-247/TO-251N/TO-252 MOSFET
SW10N80D SEMIPOWER-SW10N80D Datasheet
868Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW12N60D SEMIPOWER-SW12N60D Datasheet
631Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW15N50A SEMIPOWER-SW15N50A Datasheet
576Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW16N60K SEMIPOWER-SW16N60K Datasheet
777Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW18N50D SEMIPOWER-SW18N50D Datasheet
685Kb / 6P
N-channel Enhanced mode TO-220F /TO-247 MOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW22N65D SEMIPOWER-SW22N65D Datasheet
757Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N65KF SEMIPOWER-SW38N65KF Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N65K SEMIPOWER-SW47N65K Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com