Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA10-050 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DA10-050
Description  High average loading efficiency 79%
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA10-050 Datasheet(HTML) 2 Page - Artesyn Technologies

  DA10-050 Datasheet HTML 1Page - Artesyn Technologies DA10-050 Datasheet HTML 2Page - Artesyn Technologies DA10-050 Datasheet HTML 3Page - Artesyn Technologies DA10-050 Datasheet HTML 4Page - Artesyn Technologies DA10-050 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DA10 Series Data Sheet
AC Plug Configuration for Fixed Plug
U.S. 2-prong
US
China 2-prong
CH
Europe 2-prong
EU
UK 3-prong
UK
Ordering Information
Model Number
Input Voltage Range
Output Voltage
Minimum Load
Maximum Load
DA10-050US
90 - 264 Vac
5 V
0 A
2 A
DA10-050CH
90 - 264 Vac
5 V
0 A
2 A
DA10-050EU
90 - 264 Vac
5 V
0 A
2 A
DA10-050UK
90 - 264 Vac
5 V
0 A
2 A
Mechanical Drawings - DA10-050 US
Note: All dimensions in mm.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com