Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3500S Datasheet(PDF) 95 Page - Teccor Electronics

Part # P3500S
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3500S Datasheet(HTML) 95 Page - Teccor Electronics

Back Button P3500S Datasheet HTML 91Page - Teccor Electronics P3500S Datasheet HTML 92Page - Teccor Electronics P3500S Datasheet HTML 93Page - Teccor Electronics P3500S Datasheet HTML 94Page - Teccor Electronics P3500S Datasheet HTML 95Page - Teccor Electronics P3500S Datasheet HTML 96Page - Teccor Electronics P3500S Datasheet HTML 97Page - Teccor Electronics P3500S Datasheet HTML 98Page - Teccor Electronics P3500S Datasheet HTML 99Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 212 page
background image
High Speed Transmission Equipment
© 2002 Teccor Electronics
3 - 7
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
High Speed Transmission Equipment
High speed transmission equipment encompasses a broad range of transmission protocols
such as T1/E1, xDSL, and ISDN. Transmission equipment is located at the central office,
customer premises, and remote locations.
Protection Requirements
Transmission equipment should be protected against overvoltages that can exceed 2500 V
and surge currents up to 500 A. In Figure 3.7 through Figure 3.17, SIDACtor devices were
chosen because their associated peak pulse current (IPP) rating is sufficient to withstand the
lightning immunity tests of GR 1089 without the additional use of series line impedance.
Likewise, the fuse shown in Figure 3.7 through Figure 3.17 was chosen because the
amps2time (I2t) rating is sufficient to withstand the lightning immunity tests of GR 1089, but
low enough to pass GR 1089 current limiting protector test and power cross conditions
(both first and second levels).
The following regulatory requirements apply:
• TIA-968 (formerly known as FCC Part 68)
• GR 1089-CORE
• ITU-T K.20/K.21
• UL 60950
Most transmission equipment sold in the US must adhere to GR 1089. For Europe and
other regions, ITU-T K.20/K.21 is typically the recognized standard.
ADSL Circuit Protection
Asymmetric Digital Subscriber Lines (ADSLs) employ transmission rates up to 6.144 Mbps
from the Central Office Terminal (COT) to the Remote Terminal (RT) and up to 640 kbps
from the RT to the COT at distances up to 12,000 feet. (Figure 3.7)
Figure 3.7 ADSL Overview
Digital
Network
Local Loop
Remote Site
Central Office Site
ADSL
transceiver
unit
ATU-C
ATU-R
ADSL transceiver unit
PSTN
voice
data
POTS
video
Splitter
up to 12 kft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com