Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDS70 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LDS70
Description  Dimming options
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDS70 Datasheet(HTML) 1 Page - Artesyn Technologies

  LDS70 Datasheet HTML 1Page - Artesyn Technologies LDS70 Datasheet HTML 2Page - Artesyn Technologies LDS70 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LDS70 Series
LED Lighting Power Supply - Class 2
Total Power: 70 Watts
# of Outputs: Single
Special FeatureS
ƒ
Constant Current & Constant
Voltage operation
ƒ
Dimming options
ƒ
Free-Air rated - No forced air
necesary for cooling
compliance
ƒ
Class 2 Outputs
ƒ
IP64 to IP67 Water Protection
ƒ
CISPR 15 / FCC Part 15 EMI
Performance
ƒ
Class C Harmonics
ƒ
< 1.0 W No-load power
ƒ
> 0.9 Power Factor
SaFety
ƒ
EN
61347-2-13
ƒ
UL
1310 / 8750
ƒ
CSA
C22.2 No. 107.1
ƒ
CE
Mark (LVD)
Warranty
Standard 5-Year Warranty
Electrical Specifications
Input
Input range nom:
100 - 240 Vac (U models); 120-277 Vac (H models)
Input range (max):
90-264 Vac (U models); 90-305 Vac (H models); Derating may apply
Input frequency:
47 - 63 Hz
Inrush current:
< 50 A max., cold start @ 25 °C
Leakage current:
750 µA, at 264 Vac 50/60 Hz
Input power (no-load):
< 1.0 W, at no load
Input power (max):
< 82 W, at full load
Input fusing:
Internally fused
EMI/RFI:
CISPR 15
FCC Part 15
Efficiency (typical):
88% - 230 Vac
87% - 115 Vac
Output
Constant current:
Programmable current levels. Refer to model table for details
Constant voltage:
No load to Full load operation. Refer to model table for details
Output power:
70 W maximum (60 W for 12 V). Class 2 rated outputs
Ripple voltage:
< 2%
Control and Protection
Current limit:
Programmable. Refer to model table for details
Protection:
Short Circuit
Overvoltage
Overtemperature
Data Sheet


Similar Part No. - LDS70

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDS70-12-H03 ARTESYN-LDS70-12-H03 Datasheet
973Kb / 3P
LED Lighting Power Supply - Class 2
LDS70-12-U00 ARTESYN-LDS70-12-U00 Datasheet
973Kb / 3P
LED Lighting Power Supply - Class 2
LDS70-58-H03 ARTESYN-LDS70-58-H03 Datasheet
973Kb / 3P
LED Lighting Power Supply - Class 2
LDS70-58-H04 ARTESYN-LDS70-58-H04 Datasheet
973Kb / 3P
LED Lighting Power Supply - Class 2
LDS70-58-U00 ARTESYN-LDS70-58-U00 Datasheet
973Kb / 3P
LED Lighting Power Supply - Class 2
More results

Similar Description - LDS70

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K1500GRP LITTELFUSE-K1500GRP Datasheet
306Kb / 8P
Packing Options
logo
TDK Electronics
CXA-0474 TDK-CXA-0474 Datasheet
236Kb / 4P
Dimming/Connector Type
CXA-0420 TDK-CXA-0420 Datasheet
234Kb / 4P
Dimming/Connector Type
logo
STMicroelectronics
STEVAL-ILL084V1 STMICROELECTRONICS-STEVAL-ILL084V1 Datasheet
227Kb / 4P
Digital dimming
25-Jan-2016
STEVAL-ILL088V1 STMICROELECTRONICS-STEVAL-ILL088V1 Datasheet
275Kb / 4P
Digital dimming
16-Feb-2017
logo
Artesyn Technologies
LDS100 ARTESYN-LDS100 Datasheet
998Kb / 3P
Dimming options
LDS150 ARTESYN-LDS150 Datasheet
1,019Kb / 3P
Dimming options
logo
TDK Electronics
CXA-0441 TDK-CXA-0441 Datasheet
231Kb / 3P
Dimming/Connector Type
logo
Power Integrations, Inc...
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com