Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCM600U Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LCM600U
Description  Industrial/Medical safety
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM600U Datasheet(HTML) 1 Page - Artesyn Technologies

  LCM600U Datasheet HTML 1Page - Artesyn Technologies LCM600U Datasheet HTML 2Page - Artesyn Technologies LCM600U Datasheet HTML 3Page - Artesyn Technologies LCM600U Datasheet HTML 4Page - Artesyn Technologies LCM600U Datasheet HTML 5Page - Artesyn Technologies LCM600U Datasheet HTML 6Page - Artesyn Technologies LCM600U Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER
LCM600
600 Watt Bulk Front End
Total Power: 600 W
# of Outputs: Single
Outputs:
12 to 60 V
Optional 5.0 V standby
SPECIAL FEATURES
ƒ
600 W output power
ƒ
Low cost
ƒ
2.4” x 4.5” x 7.5”
ƒ
7.41 W/cu-in
ƒ
Industrial/Medical safety
ƒ
-40 °C to 70 °C with derating
ƒ
Optional 5 V @ 2 A housekeeping
ƒ
High efficiency: 89% typical
ƒ
Variable speed “Smart Fans”
ƒ
DSP controlled front end
ƒ
Conformal coat option
ƒ
± 20% adjustment range
ƒ
Margin programming
ƒ
OR-ing FET
ƒ
Terminal block input option
COMPLIANCE
ƒ
EMI Class B
ƒ
EN61000 Immunity
SAFETY
ƒ
UL/CSA
UL60950-1/CSA C22.2
No. 60950-1
ES60601-1/CSA C22.2
No. 60601-1
ƒ
TUV
EN60950-1
EN60601-1
ƒ
CB Report
IEC60950-1
IEC60601-1
ƒ
CCC
GB4943, GB9254
and GB17625
Electrical Specifications
Input
Input range
85 - 264 Vac (Operating)
115/230 Vac (Nominal) Input through standard IEC connector/
TERMINAL BLOCK
Frequency
47 - 440 Hz, Nominal 50/60
Input fusing
Internal 10 A fuses, both lines fused
Inrush current
≤ 25 A peak, either hot or cold start
Power factor
0.99 typical, meets EN61000-3-2
Harmonics
Meets IEC 1000-3-2 requirements
Input current
8 A RMS max input current, at 100 Vac
Hold up time
20 ms minimum for main O/P, at full rated load
Efficiency
> 89% at full load
Leakage current
< 300 μA @ 240 Vac
ON/OFF power switch
N/A
Power line transient
MOV directly after the fuse
Isolation
Isolation: PRI-Chassis 2500 Vdc Basic
PRI-SEC 4000 Vac Reinforced 2xMOPP
SEC-Chassis 500 Vdc
LCM600Q Efciency Without the 5 Vsb
76.00
78.00
80.00
82.00
84.00
86.00
88.00
90.00
92.00
25
50
75
100
Loading %
100 Vac
230 Vac
Data Sheet


Similar Part No. - LCM600U

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LCM600U EMERSON-NETWORKPOWER-LCM600U Datasheet
659Kb / 6P
600 Watts Bulk Front End
logo
Artesyn Technologies
LCM600U ARTESYN-LCM600U Datasheet
1Mb / 7P
600 Watt Bulk Front End
LCM600U ARTESYN-LCM600U Datasheet
1Mb / 7P
600 Watt Bulk Front End
More results

Similar Description - LCM600U

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU400 MINMAX-MAU400 Datasheet
710Kb / 4P
Industrial & Medical Safety Approval
AJM-24 MINMAX-AJM-24_16 Datasheet
443Kb / 5P
AC/DC Power Module 24W, Industrial & Medical Safety
APM-40 MINMAX-APM-40_16 Datasheet
412Kb / 5P
AC/DC Power Module 40W, Industrial & Medical Safety
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
AC/DC Power Module 60W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
IMA-400 DELTA-IMA-400 Datasheet
2Mb / 14P
Safety rated for Medical, Industrial and IT
IMA-600 DELTA-IMA-600 Datasheet
2Mb / 14P
Safety rated for Medical, Industrial and IT
IMA-1000 DELTA-IMA-1000 Datasheet
2Mb / 14P
Safety rated for Medical, Industrial and IT
AB24S DELTA-AB24S Datasheet
375Kb / 5P
AC/DC Power Module 24W, Industrial & Medical Safety
AB40S DELTA-AB40S Datasheet
328Kb / 5P
AC/DC Power Module 40W, Industrial & Medical Safety
AB60S DELTA-AB60S Datasheet
393Kb / 5P
AC/DC Power Module 60W, Industrial & Medical Safety
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com