Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTS508 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NTS508
Description  Power fail and remote inhibit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NTS508 Datasheet(HTML) 1 Page - Artesyn Technologies

  NTS508 Datasheet HTML 1Page - Artesyn Technologies NTS508 Datasheet HTML 2Page - Artesyn Technologies NTS508 Datasheet HTML 3Page - Artesyn Technologies NTS508 Datasheet HTML 4Page - Artesyn Technologies NTS508 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER
NTS500 Series
500 Watts
Total Power: 200 - 500 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Active power factor correction
ƒ
IEC EN61000-3-2 compliance
ƒ
Remote sense
ƒ
Power fail and remote inhibit
ƒ
Single wire current sharing
ƒ
Built-in EMI filter
ƒ
Low output ripple
ƒ
5 V standby
ƒ
12 V fan output
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
DC power good
ƒ
Built in OR-ing diode/FET
ƒ
Optional fan cover (-CF suffix)
ƒ
Optional end fan cover (-CEF suffix)
ƒ
PM Bus compliant
ƒ
RoHS compliant
ƒ
Digital I2C interface
ƒ
Two year warranty
ƒ
POE isolation on NTS508
SAFETY
ƒ
TUV:
60950
ƒ
cCSAus: 60950
ƒ
NEMKO: 60950
ƒ
CB:
Certificate & report
ƒ
CE:
Mark (LVD)
Electrical Specifications
Input
Input range
85 - 264 Vac (wide range)
Frequency
47 - 440 Hz
Inrush current
50 A max., cold start @ 25 °C
Efficiency
85% typical at full load, nominal line
EMI filter
FCC Class B conducted and radiated; CISPR22 Class B
conducted and radiated; EN55022 Class B conducted and
radiated; VDE0878PT3 Class B conducted and radiated.
Safety ground leakage current
< 0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
200 W for convection; 500 W with 30 CFM forced air
Adjustment range
± 5%
Standby output
5 V @ 1 A convection, 2 A forced air, regulated, ± 5%
Fan output
12 V @ 1 A, -5 %, +7%, 0.5 A for -CF version
Hold-up time
20 ms @ 500 W load, 115 VAC nominal line at factory voltage
setting
Overload protection
Short circuit protection on all outputs. Case overload
protected @ 115 - 130% above peak rating
Overvoltage protection
20 - 35% above nominal output
Data Sheet


Similar Part No. - NTS508

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NTS508 EMERSON-NETWORKPOWER-NTS508 Datasheet
457Kb / 3P
Active power factor correction
NTS508 EMERSON-NETWORKPOWER-NTS508 Datasheet
696Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS508 ARTESYN-NTS508 Datasheet
929Kb / 5P
Active power factor correction
logo
Emerson Network Power
NTS508-M EMERSON-NETWORKPOWER-NTS508-M Datasheet
1Mb / 3P
Active power factor correction
NTS508-M EMERSON-NETWORKPOWER-NTS508-M Datasheet
680Kb / 3P
Active power factor correction
More results

Similar Description - NTS508

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4946 STMICROELECTRONICS-L4946 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4946B STMICROELECTRONICS-L4946B Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4948 STMICROELECTRONICS-L4948 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
logo
Dallas Semiconductor
DS1632 DALLAS-DS1632 Datasheet
138Kb / 6P
PC Power-Fail and Reset Controller
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX7387 MAXIM-MAX7387_06 Datasheet
605Kb / 12P
System Monitoring Oscillator with Watchdog and Power Fail
19-3896; Rev 1; 1/06
logo
Power-One
ABC300 POWER-ONE-ABC300 Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
STMicroelectronics
L6732C STMICROELECTRONICS-L6732C Datasheet
898Kb / 32P
Soft-start and inhibit
29-May-2006
logo
Artesyn Technologies
LPQ350 ARTESYN-LPQ350 Datasheet
1Mb / 4P
Power fail and remote inhibit
logo
Maxim Integrated Produc...
DS1632 MAXIM-DS1632 Datasheet
144Kb / 6P
PC Power-Fail and Reset Controller
060303
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com