Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4802ACMC Datasheet(PDF) 96 Page - Teccor Electronics

Part # P4802ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC Datasheet(HTML) 96 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 92Page - Teccor Electronics P4802ACMC Datasheet HTML 93Page - Teccor Electronics P4802ACMC Datasheet HTML 94Page - Teccor Electronics P4802ACMC Datasheet HTML 95Page - Teccor Electronics P4802ACMC Datasheet HTML 96Page - Teccor Electronics P4802ACMC Datasheet HTML 97Page - Teccor Electronics P4802ACMC Datasheet HTML 98Page - Teccor Electronics P4802ACMC Datasheet HTML 99Page - Teccor Electronics P4802ACMC Datasheet HTML 100Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 212 page
background image
High Speed Transmission Equipment
http://www.teccor.com
3 - 8
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Protection Circuitry
Longitudinal protection was not used at either the ADSL Transceiver Unit – Central Office
(ATU-C) interface or the ADSL Transceiver Unit – Remote (ATU-R) interface due to the
absence of earth ground connections. (Figure 3.8) In both instances, the P3500SC MC
SIDACtor device and the F1250T TeleLink fuse provide metallic protection. For ATUs not
isolated from earth ground, reference the HDSL protection topology.
Figure 3.8 ADSL Protection
Component Selection
The P3500SC MC SIDACtor device and F1250T TeleLink fuse were chosen to protect the
ATUs because both components meet GR 1089 surge immunity requirements without the
use of additional series resistance. Although the P3100 series SIDACtor device may be
used to meet current ANSI specifications, Teccor recommends the P3500 series to avoid
interference with the 20 VP-P x DSL signal on a 150 V rms ringing signal superimposed on a
56.5 V battery.
HDSL Circuit Protection
HDSL (High-bit Digital Subscriber Line) is a digital line technology that uses a 1.544 Mbps
(T1 equivalent) transmission rate for distances up to 12,000 feet, eliminating the need for
repeaters. The signaling levels are a maximum of ±2.5 V while loop powering is typically
under 190 V. (Figure 3.9)
TIP
RING
ADSL
chip set
P3500SC MC
F1250T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com