Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

READ2302G Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # READ2302G
Description  CMOS Dual Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

READ2302G Datasheet(HTML) 2 Page - Renesas Technology Corp

  READ2302G Datasheet HTML 1Page - Renesas Technology Corp READ2302G Datasheet HTML 2Page - Renesas Technology Corp READ2302G Datasheet HTML 3Page - Renesas Technology Corp READ2302G Datasheet HTML 4Page - Renesas Technology Corp READ2302G Datasheet HTML 5Page - Renesas Technology Corp READ2302G Datasheet HTML 6Page - Renesas Technology Corp READ2302G Datasheet HTML 7Page - Renesas Technology Corp READ2302G Datasheet HTML 8Page - Renesas Technology Corp READ2302G Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
READ2302G
R03DS0097EJ0200 Rev.2.00
Page 2 of 8
Apr. 17, 2017
Pin Arrangement
Equivalent Circuit (per one channel)
Absolute Maximum Ratings
<TA=25 oC >
Items
Symbol
Ratings
Unit
Supply voltage Note.1
VDD
-0.3 to +6.5
V
Differential input voltage
VID
-VDD to +VDD
V
Input voltage Note.2
VI
-0.3 to VDD +0.3
V
Maximum output current
IO
20
mA
Power dissipation Note.3
PT
440
mW
Junction temperature
Tj
+150
oC
Operating temp. range
TA
-40 to +105
oC
Storage temp. range
Tstg
-55 to +150
oC
Note 1. Please take note that reverse connection of a power supply may cause destruction.
2. Stresses above these ratings may cause permanent damage such as characteristics degradation or destruction.
Please do not exceed voltage below of GND-0.3V as it is bottom limit. In addition, operation amplifier is operated as
normal when input voltage for electrical characteristics is in common mode input voltage range.
3. The value is measured under mounted on a glass epoxy base board (size 100mm×100mm, 1mm thickness,
copper foiled surface base board area with 15% solid pattern). Please take note that every package has derating rate’s
restriction reception.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com