Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6002ACMC Datasheet(PDF) 176 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 176 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 172Page - Teccor Electronics P6002ACMC Datasheet HTML 173Page - Teccor Electronics P6002ACMC Datasheet HTML 174Page - Teccor Electronics P6002ACMC Datasheet HTML 175Page - Teccor Electronics P6002ACMC Datasheet HTML 176Page - Teccor Electronics P6002ACMC Datasheet HTML 177Page - Teccor Electronics P6002ACMC Datasheet HTML 178Page - Teccor Electronics P6002ACMC Datasheet HTML 179Page - Teccor Electronics P6002ACMC Datasheet HTML 180Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 212 page
background image
Overcurrent Protection
http://www.teccor.com
5 - 14
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Overcurrent Protection
In addition to protecting against overvoltage conditions, equipment should also be protected
from overcurrent conditions using either PTCs, fuses, power/line feed resistors, or
flameproof resistors. In all instances the overcurrent protector is a series element placed in
front of the overvoltage protector on either Tip or Ring for metallic (closed loop)
applications and on both Tip and Ring for longitudinal (grounded) applications.
PTCs
PTCs are positive temperature coefficient thermistors used to limit current. During a fault
condition, heat is generated at a rate equal to I2R. When this heat becomes sufficient, the
PTC increases its resistance asymptotically until the device simulates an open circuit,
limiting the current flow to the rest of the circuit. As the fault condition drops below the
PTC’s holding current, the device begins to reset, approximating its original off-state value
of impedance.
Advantages
Because PTCs are resettable devices, they work well in a variety of industrial applications
where electrical components cannot withstand multiple, low-current faults.
Restrictions
Although PTCs are well suited for the industrial environment and in many telecom
applications, they exhibit some limitations that have prevented them from being endorsed
by the entire telecommunications industry. Limitations include low surge current ratings,
unstable resistance, and poor packaging options.
Applications
PTCs are used in a variety of applications. In addition to protecting telecommunications
equipment, PTCs are also used to prevent damage to rechargeable battery packs, to
interrupt the current flow during a motor lock condition, and to limit the sneak currents that
may cause damage to a five-pin module.
Fuses
Due to their stability, fuses are one of the most popular solutions for meeting AC power
cross requirements for telecommunications equipment. Similar to PTCs, fuses function by
reacting to the heat generated due to excessive current flow. Once the fuses I2t rating is
exceeded, the center conductor opens.
Advantages
Fuses are available in both surface mount and through-hole packages and are able to
withstand the applicable regulatory requirements without the use of any additional series
impedance. Chosen correctly, fuses only interrupt a circuit when extreme fault conditions
exist and, when coordinated properly with an overvoltage protector, offer a very competitive
and effective solution for transient immunity needs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com