Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6002ACMC Datasheet(PDF) 177 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 177 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 173Page - Teccor Electronics P6002ACMC Datasheet HTML 174Page - Teccor Electronics P6002ACMC Datasheet HTML 175Page - Teccor Electronics P6002ACMC Datasheet HTML 176Page - Teccor Electronics P6002ACMC Datasheet HTML 177Page - Teccor Electronics P6002ACMC Datasheet HTML 178Page - Teccor Electronics P6002ACMC Datasheet HTML 179Page - Teccor Electronics P6002ACMC Datasheet HTML 180Page - Teccor Electronics P6002ACMC Datasheet HTML 181Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 212 page
background image
Overcurrent Protection
© 2002 Teccor Electronics
5 - 15
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Advantages include:
• Elimination of series line resistance enabling longer loop lengths
• Precise longitudinal balance allowing better transmission quality
• Robust surge performance which eliminates costly down time due to nuisance blows
• Greater surge ratings than resettable devices, ensuring regulatory compliance
• Non-degenerative performance
• Available in surface mount packaging which uses less Printed Circuit Board (PCB) real
estate, eliminates mixed technologies, and reduces manufacturing costs
Weaknesses
Because a fuse does not reset, consideration should be given to its use in applications
where multiple fault occurrences are likely. For example, AC strip protectors and ground
fault interrupting circuits (GFIC) are applications in which an alternative solution might be
more prudent.
Applications
Telecommunications equipment best suited for a fuse is equipment that requires surface
mount technology, accurate longitudinal balance, and regulatory compliance without the
use of additional series line impedance.
Selection Criteria
For circuits that do not require additional series resistance, the surge current rating (IPP) of
the TeleLink SM fuse should be greater than or equal to the surge currents associated with
the lightning immunity tests of the applicable regulatory requirement (IPK).
IPP
³ IPK
For circuits that use additional series resistance, the surge current rating (IPP) of the
TeleLink SM fuse should be greater than or equal to the available surge currents associated
with the lightning immunity tests of the applicable regulatory requirement (IPK (available)).
IPP
³ IPK (available)
The maximum available surge current is calculated by dividing the peak surge voltage (VPK)
by the total circuit resistance (RTOTAL).
IPP
³ IPK (available) = VPK/RTOTAL
For longitudinal surges (Tip-Ground, Ring-Ground), RTOTAL is calculated for both Tip and
Ring.
RTOTAL = RTIP + RSOURCE
RTOTAL = RRING + RSOURCE
For metallic surges (Tip-Ring):
RTOTAL = RTIP + RRING + RSOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com