Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE24C32BD Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24C32BD
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C32BD Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24C32BD Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C32BD Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C32BD Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C32BD Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C32BD Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C32BD Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C32BD Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C32BD Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C32BD Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ACE24C32BD
Two-wire Serial EEPROM
VER 1.1
6
Device Addressing
The 32K devices all require an 8-bit device address word following a start condition to enable the chip
for a read or write operation (see to Figure 4).
The device address word consists of a mandatory
“1”, “0” sequence for the first four most significant
bits as shown. This is common to all the EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 32K EEPROM. These 3 bits must
compare to their corresponding hard-wired input pins.
The eighth bit of the device address is the read/write operation selec t bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a
“0”. If a compare is not made, the
chip will return to a standby state.
Write Operations
Byte Write:
A write operation requires an 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a
“0” and then
clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a
“0”
and the addressing device, such as a microcontroller, must terminate the write sequence with a stop
condition. At this time the EEPROM enters an internally timed write cycle, t W R, to the nonvolatile memory.
All inputs are disabled during this write cycle and the EEPROM will not respond until the write is
complete (see to Figure 5).
Page Write:
A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition
after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data
word, the microcontroller can transmit up to 31 (32K) more data words. The EEPROM will respond with a
"0" after each data word received. The microcontroller must terminate the page write sequence with a
stop condition (see to Figure 6).
The data word address lower three (32K) bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page row
location. When the word address, internally generated, reaches the page boundary, the following byte
is placed at the beginning of the same page. If more than 32 (32K) data words are transmitted to the
EEPROM, the data word
address will “roll over” and previous data will be overwritten.
Acknowledge Polling:
Once the internally timed write cycle has started and the EEPROM inputs are disabled, acknowledge
polling can be initiated. This involves sending a start condition followed by the device address word.
The read/write bit is representative of the operation desired. Only if the internal write cycle has
completed will the EEPROM respond with a
“0” allowing the read or write sequence to continue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com