Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE537P Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE537P
Description  Low Noise High PSRR High Speed CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE537P Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE537P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE537P Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ACE537P
Low Noise High PSRR High Speed CMOS LDO
VER 1.1
4
Electrical Characteristics
The following specifications apply for VOUT=3.3V TA=25℃unless specified otherwise.
Items
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
V
IN
5.5
V
Vout range
Vout
VOUT<2V VIN=2.7V IOUT=1mA
-3%
Vout
3%
V
VOUT≧2V, IOUT=1mA
-2%
Vout
2%
Quiescent Current
I
q
VOUT=3.3V IOUT=0
35
µA
Current
Limit
I
limit
Vin=Ven=5V
450
mA
Dropout Voltage
V
drop
VOUT=3.3V IOUT=200mA
170
200
mV
VOUT=3.3V IOUT=300mA
250
300
Line Regulation
△V
LINE
VIN=2.7~5.5V, IOUT=1mA
0.01
0.15
%/V
Load Regulation
△V
Load
VOUT=2.8V , IOUT=1~300mA
20
30
mV
Short Current
ISHORT
VEN=VIN, VOUT Short to GND
with 1Ω
90
mA
Shut-down Current
ISHDN
VEN=0V
1
µA
Power Supply Rejection
Rate
PSRR
VIN=(VOUT+1V)DC+0.5VP-P
F=1KHz ,Iout=10mA
70
dB
VIN=(VOUT+1V)DC+0.5VP-P
F=10KHz, Iout=10mA
65
EN logic high voltage
VENH
VIN=5.5V, IOUT=1mA
1.2
V
EN logic low voltage
VENL
VIN=5.5V, VOUT=0V
0.4
V
EN Input Current
IEN
VEN= 0 to 5.5V
1.0
uA
Output Noise Voltage
eNO
10Hz to 100KHz, COUT=1μF
100
μV
RMS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com