Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE707P Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE707P
Description  0.85V/12uA start-up Synchronous DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE707P Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE707P Datasheet HTML 1Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 2Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 3Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 4Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 5Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 6Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 7Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 8Page - ACE Technology Co., LTD. ACE707P Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE707P
0.85V/12uA start-up Synchronous DC/DC Converter
VER 1.1
1
Description
The ACE707P integrated PFM-mode synchronous step- up converter, only need one inductor and two
capacitor. Because of boost proprietary design, it starts up at very low input voltage down to 850mV;
make it an ideal choice for single cell alkaline/NiMH battery operations.
ACE707P integrates stable reference circuits and trimming technology, so it can afford high precision and
low temperature-drift coefficient of the output voltage.
The ACE707P integrates a reference voltage source, an oscillator, and a comparator, enabling products
with a low ripple over a wide range, high efficiency and ultra-low no-load current, high output current.
The ACE707P is available in SOT23-3&SOT23-5 packages (Rohs & HF)
Features
Up to 96% Efficiency
300KHz PFM saving mode
12uA Ultra low No-load Current
Low input voltage:0.9V-5.5V
Accuracy of ±2%
Internal 1A Current Limit
SOT23-3 & SOT23-5 Packages(Rohs & HF)
Application
2.4G Wireless Mouse
Toys
Power supply for MCU
Power supply for portable device
Absolute Maximum Ratings
Symbol
Items
Value
Unit
V
IN
Input Voltage
-0.3~6
V
V
SW
Voltage at SW Pin
-0.3~6
V
V
pin
All Other Pins
GND-0.3 to VDD+0.3
V
P
DMAX
Power Dissipation
SOT-23-3
0.3
W
SOT-23-5
0.3
T
J
Junction Temperature
-40~125
Tstg
Storage Temperature
-55 to 150
Tsolder
Package Lead Soldering Temperature
260℃, 10s
ESD
Human Body Mode
4000
V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE707P

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE707A ACE-ACE707A Datasheet
194Kb / 9P
Micro Power Step-up DC-DC Converter
VER 1.2
ACE707ABN+H ACE-ACE707ABN+H Datasheet
194Kb / 9P
Micro Power Step-up DC-DC Converter
VER 1.2
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
More results

Similar Description - ACE707P

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
0.85V Single Cell Boost DC-DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
logo
Linear Technology
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
PFM Synchronous Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE709G ACE-ACE709G Datasheet
687Kb / 11P
0.85V Startup Voltage, Synchronous Step-Up Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
logo
Shenzhen Huazhimei Semi...
HM6310 HMSEMI-HM6310 Datasheet
499Kb / 6P
3W, 0.85V Startup Voltage, Synchronous Step-Up Converter
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com