Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE717C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE717C
Description  High Efficiency 1.2MHz 24V Step-up DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE717C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE717C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE717C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE717C
High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
3
Recommended Work Conditions
Parameter
Value
Input Voltage Range
2V to 24V
Output Voltage Range
VIN to 24V
Operating Junction Temperature(Tj)
-40°C
–125°C
Electrical Characteristics
(Ta=25℃, unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
V
IN
Operating Input Voltage
2
24
V
V
FB
Feedback Voltage
588
600
612
mV
I
FB
FB input Bias Current
V
FB=0.6V
-50
-10
nA
SW Leakage
V
SW=20V
1
uA
I
Q
Quiescent Current
V
FB=0.5V, Switch
0.2
0.4
mA
V
EN=0V
0.1
1
uA
F
SW
Oscillator Frequency
V
FB=0.75V
1.2
MHz
D
MAX
Maximum Duty Cycle
V
FB=0.7V
90
%
V
EN
EN Threshold
1
V
SW On-Resistance
80
150
I
LIMIT
Current Limit
V
IN=5V, Duty Cycle = 50%
2
A
Thermal Shutdown
160
°C
Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com