Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE803ND Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE803ND
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE803ND Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE803ND Datasheet HTML 1Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 2Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 3Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 4Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 5Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 6Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 7Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 8Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE803ND
3-Pin Microprocessor Reset Circuits
VER 1.1
4
Electrical Characteristics
(V
CC=5V for L/M/J versions, VCC=3.3V for T/S versions, VCC=3V for R version, and VCC=2.5V for Z version, TA=-40°C to 85°C,
unless otherwise noted. Typical values are at T
A=+25°C.) (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Input Voltage
TA=0°C to 70°C
1.0
5.5
V
ICC
Supply Current
2.0
uA
VTH
Reset Threshold
L Version
TA=25°C
4.56
4.63
4.70
V
TA=-40°C to 85°C
4.50
4.75
M Version
TA=25°C
4.31
4.38
4.45
TA=-40°C to 85°C
4.25
4.50
J Version
TA=25°C
3.93
4.00
4.06
TA=-40°C to 85°C
3.89
4.10
T Version
TA=25°C
3.04
3.08
3.11
TA=-40°C to 85°C
3.00
3.15
S Version
TA=25°C
2.89
2.93
2.96
TA=-40°C to 85°C
2.85
3.00
R Version
TA=25°C
2.59
2.63
2.66
TA=-40°C to 85°C
2.55
2.70
Z Version
TA=25°C
2.28
2.32
2.35
TA=-40°C to 85°C
2.25
2.38
Reset Threshold Tempco
150
ppm/
℃
VCC to RESET
Delay
V
CC=VTH to (VTH–100mV)
10
μs
tRP
Reset Active Timeout
Period
140
240
560
ms
VOL
RESET Output
Voltage Low
V
CC=VTH min, ISINK=1.2mA,
ACE803NDT/S/R/Z
0.3
V
V
CC=VTH min, ISINK=3.2mA,
ACE803NDL/M/J
0.4
V
CC>1.0V, ISINK=50μA
03
RESET
Open-Drain Output
Leakage Current
(Note 2)
V
CC>VTH, RESET Deasserted
1
μA
Note :1. Production testing done at T
A=25°C; limits over temperature guaranteed by design only.
2.Guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com