Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1534B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1534B
Description  N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1534B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1534B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1534B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1534B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1534B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1534B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1534B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE1534B
N-Channel Power MOSFET
VER 1.1
1
Description
ACE1534B uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This
device is suitable for use as a load switch or in PWM applications. The source leads are separated to
allow a Kelvin connection to the source, which may be used to bypass the source inductance.
Features
VDS= 30V , ID=130A
RDS(ON)@ VGS = 10V , TYP= 1.2
mΩ
RDS(ON)@ VGS = 4.5V , TYP= 1.8
mΩ
Absolute Maximum Ratings@TA=25℃ unless otherwise noted
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous)*AC
TA=25℃
ID
130
A
TA=100℃
82
Drain Current (Pulsed)*B
IDM
520
A
Power Dissipation
TA=25℃
PD
166
W
Operating temperature / Storage temperature
TJ/TSTG
-55~150
℃
A: The value of RθJAis measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The value in any given application depends on the user's specific board
design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Packaging Type
DFN5*6-EP


Similar Part No. - ACE1534B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1531A ACE-ACE1531A Datasheet
189Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE1531AJMH ACE-ACE1531AJMH Datasheet
189Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE1532B ACE-ACE1532B Datasheet
719Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE1534B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com