Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE17446B Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE17446B
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE17446B Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE17446B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE17446B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE17446B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE17446B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE17446B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE17446B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE17446B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ACE17446B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
5
Packing Information
PDFN3*3-8L
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
0.650
0.850
0.026
0.033
A1
0.152REF
0.006REF
A2
0~0.05
0~0.002
D
2.900
3.100
0.114
0.122
D1
2.300
2.600
0.091
0.102
E
2.900
3.100
0.114
0.122
E1
3.150
3.450
0.124
0.136
E2
1.535
1.935
0.060
0.076
b
0.200
0.400
0.008
0.016
e
0.550
0.750
0.022
0.030
L
0.300
0.500
0.012
0.020
L1
0.180
0.480
0.007
0.019
L2
0~0.100
0~0.004
L3
0~0.100
0~0.004
H
0.315
θ
9°
13°
9°
13°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com